Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6720 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT6720
Description  13.56MHz RFID Transponder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6720 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT6720 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
VDD pad voltage
2.4
¾
5V
Idd
Operating Current
3V
¾¾
4
¾mA
5V
Voltage limiter not started
¾
10
¾mA
Rm
Modulation Resistance
5V
¾¾
320
¾W
VLCL
LC Input Limiter Voltage
¾¾
¾
6.5
¾
V
BR
Output Data Baud Rate
3V
VDD vs VSS
¾
4
¾
Kbps
5V
VDD vs VSS
¾
5.5
¾
Kbps
Timing & Code Package
HT6720
Rev. 1.00
3
August 13, 2001
Functional Description
Operation Concept
The reader transmits a 13.56MHz carrier signal from its
antenna, the LC tank on the transponder side converts
the carrier energy to voltage form and supply to the tran-
sponder chip with an internal pump circuit. If the induced
energy is high enough, the pumped voltage reaches the
break-in voltage of the internal RC-oscillator, the tran-
sponder is actuated to transmit its internal data serially
by means of damping the LC tank.
The reader receives the transponder¢s data by means of
detecting the energy variation on its own antenna, and
recognize the information with a microcontroller.
The HT6720 has a built-in internal Voltage Limiter to
prevent excess power supply and RF levels induced by
the LC tank from damaging the device or causing the
device to function abnormally.
A total of 96 bits of OTP memory space is provided, from
which 64 bits wide are customer programmable, which
can be programmed using the specified programmer
supplied by Holtek. The pre-programmed ICs are also
available upon customer¢s request.
H T 6720
E ner gy
Da t a
RF o s c
&
C ont r o l l er
T r ans ponde r
R ea der
T r ans pon der
H T 67 20
Da t a O u t
A gent I D
( H ol t e k def i ned )
C u s t om er I D
( A gent def i ned )
(8 b i t s )
(8 b i t s )
(8 b i t s )
( 56 bi t s )
( 16 bi t s )
C a t ego r y I D
( C us t o m e r def i ned)
P r oduc t I D
( C us t o m e r def i ned)
CRC
* C u s t om er P r ogr am m a bl e
C ode A r ea ( 6 4 bi t s M ax . )
P r oduc t D a t a ( 64 b i t s )
T o t a l E P R O M s pac e ( 96 b i t s )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com