Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6720 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT6720
Description  13.56MHz RFID Transponder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6720 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT6720 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT6720
13.56MHz RFID Transponder
Block Diagram
Rev. 1.00
1
August 13, 2001
Features
· Very low operating current (4mA@VDD=3V)
· Wide range operating voltage
· Batteryless RF transponder
· Data transmission in read-only operation
· Max. of 64-bits customer programmable data
· 16-bits CRC error detection code
· OTP data memory
· 13.56MHz carrier frequency
· Output data baud rate: 4kbps (Typ.) @ VDD=3V
· PWM/ASK modulation
· Built-in voltage limiter
Applications
· Interactive leisure products
· Security system
· Access control
· Anti-counterfeit devices
· Material management
· Animal management
· Personnel working time record
· Car park monitoring system
General Description
The HT6720 is an RF transponder IC with 13.56MHz RF
carrier, which provides a low cost batteryless tran-
sponder solution when combined with an external in-
ductor. The inductor and internal capacitor form an LC
tank which induce voltage from the radiated 13.56MHz
carrier signal generated from the reader antenna.
HT6720 has a built-in low power RC oscillator which is
activated if the induced carrier field strength is high
enough to supply the operating current and the re-
sponse signal (pre-programmed in the OTP memory) is
serially transmitted out. The response data is transmit-
ted using PWM/ASK modulation. Modulation of
13.56MHz is accomplished by damping the LC tank with
a fixed baud rate.
The transmission information is stored in a 96 bits one
time programmable memory OTP, with a 16-bit CRC
code (up to 64 bits reserved for customer). The effective
detection range for a small sized antenna is 2cm~10cm
which is dependent on antenna format & reader design.
The larger the antenna loop used the longer the detec-
tion range. It is advisable to use larger antenna to attain
a 15 cm detection range.
Implementing Holtek¢s advanced OTP and low power
technology, HT6720 offers a very cost effective solution
for RF contactless detection system.
A code area of 64-bits (max.) wide is provided so cus-
tomers can program the device using the specified pro-
grammer supplied by Holtek. The pre-programmed ICs
are also available upon customer¢s request.
VP A
CL K
HF 2
HF 1
VD D
VS S
PW M / AS K
M odul at or
Sh i f t
R egi s t er
Da t a
EP R O M
Sys t e m
Cl o c k
G ene r a t o r
VC C L i m i t e r
and
RF L i m i t e r
Da t a
P r oc es s i ng
Po w e r O N
Re s e t
T e s t and
EP R O M
P r ogr am m i ng
C ont r o l


Similar Part No. - HT6720

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
13.56MHz RFID Transponder
June 3, 2004
HT672A HOLTEK-HT672A Datasheet
120Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
13.56MHz RFID Transponder
November 23, 2004
More results

Similar Description - HT6720

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
13.56MHz RFID Transponder
June 3, 2004
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
13.56MHz RFID Transponder
November 23, 2004
HT6740 HOLTEK-HT6740 Datasheet
875Kb / 7P
13.56MHz RFID Transponder
November 23, 2004
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
HT6740 HOLTEK-HT6740_07 Datasheet
111Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
MLX90121 MELEXIS-MLX90121 Datasheet
387Kb / 26P
13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
A9290-A-0D AMICC-A9290-A-0D Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
Pepperl+Fuchs Inc.
IPC03-20K6 PF-IPC03-20K6 Datasheet
440Kb / 3P
RFID Transponder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com