Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6740 Datasheet (PDF) - Holtek Semiconductor Inc

HT6740 Datasheet PDF - Holtek Semiconductor Inc
Part # HT6740
Download  HT6740 Download
File Size   875.08 Kbytes
Page   7 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 13.56MHz RFID Transponder

HT6740 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT6740 Datasheet PDF - Holtek Semiconductor Inc

Part # HT6740
Download  HT6740 Click to download

File Size   875.08 Kbytes
Page   7 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 13.56MHz RFID Transponder

HT6740 Datasheet (HTML) - Holtek Semiconductor Inc


HT6740 Product details

General Description

The HT6740 is an RF transponder IC with 13.56MHz RF carrier, which provides a low cost batteryless tran sponder solution when combined with an external in ductor. The inductor and internal capacitor form an LC tank which induce voltage from the radiated 13.56MHz carrier signal generated from the reader antenna.



Features

  Very low operating current (15uA at VDD=2V)

  Wide range operating voltage

  Batteryless RF transponder

  Data transmission in read-only operation

  Max. of 6 bits customer programmable data

  6 bits checksum for error rejection

  OTP data memory

  13.56MHz carrier frequency

  Output data baud rate: 10kbps (Typ.) at VDD=3V

  PWM/ASK modulation

  Built-in voltage limiter

  Non anti-collision function (Default)

  8-pin DIP package available for engineering evaluation - not for volume production



Applications

  Interactive leisure products

  Security system

  Access control

  Anti-counterfeit devices

  Material management

  Animal management

  Personnel working time record

  Car park monitoring system



 




Similar Part No. - HT6740

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6740 HOLTEK-HT6740 Datasheet
111Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
HT6740 HOLTEK-HT6740_07 Datasheet
111Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
More results


Similar Description - HT6740

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6720 HOLTEK-HT6720 Datasheet
112Kb / 6P
13.56MHz RFID Transponder
August 13, 2001
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
13.56MHz RFID Transponder
June 3, 2004
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
13.56MHz RFID Transponder
November 23, 2004
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
HT6740 HOLTEK-HT6740_07 Datasheet
111Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
MLX90121 MELEXIS-MLX90121 Datasheet
387Kb / 26P
13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
A9290-A-0D AMICC-A9290-A-0D Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
Pepperl+Fuchs Inc.
IPC03-20K6 PF-IPC03-20K6 Datasheet
440Kb / 3P
RFID Transponder
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com