Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6740 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT6740
Description  13.56MHz RFID Transponder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6740 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT6740 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
VDD pad voltage
2.0
3
4
V
Idd
Operating Current
2V
¾¾
15
¾mA
3V
¾¾
400
¾mA
Rm
Modulation Resistance
3.3V
¾¾
320
¾W
VLCL
LC Input Limiter Voltage
¾¾
¾
6.5
¾
V
BR
Output Data Baud Rate
3V
VDD vs VSS
5
10
15
Kbps
Timing & Code Package
HT6740
Rev. 1.10
3
November 23, 2004
Functional Description
Operation Concept
The reader transmits a 13.56MHz carrier signal from its
antenna, the LC tank on the transponder side converts
the carrier energy to voltage form and supply to the tran-
sponder chip with an internal pump circuit. If the induced
energy is high enough, the pumped voltage reaches the
break-in voltage of the internal RC-oscillator, the tran-
sponder is actuated to transmit its internal data serially
by means of damping the LC tank.
The reader receives the transponder
¢s data by means of
detecting the energy variation on its own antenna, and
recognize the information with a microcontroller.
The HT6740 has a built-in internal Voltage Limiter to
prevent excess power supply and RF levels induced by
the LC tank from damaging the device or causing the
device to function abnormally.
A total of 23 bits of OTP memory space is provided, from
which 6 bits wide are customer programmable, which
can be programmed using the specified programmer
supplied by Holtek. The pre-programmed ICs are also
available upon customer
¢s request.
Anti-Collision Function
HT6740 build in anti-collision function. The probability
which reader could
²find² all (ex.5 tags): Under 10K
baud rate. During 103ms
®0.8293; During 308ms
®0.9950; During 408ms®0.9992 and during 510ms is
0.99995.
Option Function
Option 0: 0 continuous (Default)
1 anti-collision
H T 6 7 4 0
E n e r g y
D a t a
R F o s c
&
C o n t r o l l e r
T r a n s p o n d e r
R e a d e r
C u s t o m e r I D
P r o d u c t
C o d e
( 5 b i t s )
( 6 b i t s )
S y n c . D a t a
( 6 b i t s )
C h e c k
S u m
T o t a l E P R O M s p a c e ( 1 7 b i t s )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com