Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6740 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6740
Description  13.56MHz RFID Transponder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6740 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6740 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Application Circuits
Tag
A tag consists of a PCB (or Mylar film) with printed coil, HT6740 and a housing. The housing can be of various shapes.
Note:
The value of the antenna inductance is 11
mH, however the optimum value will be changed slightly due to the
variation of the internal resonance capacitor (10pF typically) during process.
For more application information about the reader, refer to Holtek
¢s 13.56MHz RF ID reader data.
2-Chip Solution
HT6740
Rev. 1.10
4
November 23, 2004
Code Package
A total of 23 bits information can be stored in the
HT6740, from which 6 bits are customer programmable.
· Sync. data: Including 4 bits (which low/high duty
length is 50%)
· Mark data: 2 bits (always high signal).
· Customer ID: This 5-bit wide code is not customer
programmable and is supplied together with the data
writer after register to Holtek. The writer generates the
code automatically.
· Product code: Storing the contents of the user ID
number or data.
· Check sum: A 6 bits of checksum code is generated
automatically by the writer.
H T 6 7 4 0
E n e r g y
D a t a
H o l t e k T r a n s p o n d e r S o l u t i o n
H o l t e k R e a d e r S o l u t i o n
O t h e r C o n t r o l l e r
R F o s c
&
R e c e i v e r
D a t a
D e c o d e
&
S y s t e m
C o n t r o l
S p e c i a l
P u r p o s e
C o n t r o l l e r
H o l t e k l o w c o s t M C U :
H T 4 8 R 0 5 A - 1 / H T 4 8 R 0 6 A - 1
A N T
A N T
H F
H F 1
H T 6 7 4 0
P C B
T a g H o u s i n g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com