Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6740 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT6740
Description  13.56MHz RFID Transponder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6740 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT6740 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6740 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pad Assignment
Chip size: 965
´914 (mm)2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-272.025
303.662
4
266.324
-297.913
2
-272.025
-298.538
5
257.400
312.150
3
132.225
-314.688
6
145.924
312.112
Pad Description
Pad No. Pad Name
I/O
Internal
Connection
Description
1
HF
I/O
CMOS
Connect to an antenna coil for normal operation. Open for data program-
ming.
2
HF1
I/O
CMOS
Connect to an antenna coil for normal operation. Data I/O for program-
ming.
3
VSS
¾¾
Negative power supply, ground
4
CLK
I
CMOS
Open for normal operation. Clock input for programming.
5
VPP
I
¾
Open for normal operation. High voltage supplies input for programming.
(Suggest 12.5V for programming)
6
VDD
¾¾
Open for normal operation, +6V supply input for programming.
Absolute Maximum Ratings
Supply Voltage (VDD) ...............................................6V
Storage Temperature ...........................
-50°Cto125°C
Supply Voltage (VPA) ..........................................12.5V
Operating Temperature ..............................0
°Cto70°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT6740
Rev. 1.10
2
November 23, 2004
( 0 , 0 )
H F
H F 1
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com