Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6720 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6720
Description  13.56MHz RFID Transponder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6720 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6720 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6720 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Application Circuits
Tag
A tag consists of a PCB (or Mylar film) with printed coil, HT6720 and a housing. The housing can be of various shapes.
Note: The value of the antenna inductance is 11mH, however the optimum value will be changed slightly due to the
variation of the internal resonance capacitor (10pF typically) during process.
For more application information about the reader, refer to Holtek¢s 13.56MHz RF ID reader data.
2-chip solution
HT6720
Rev. 1.00
4
August 13, 2001
Code Package
A total of 96 bits information can be stored in the
HT6720, from which 64 bits are customer programma-
ble.
Agent ID: This 8-bit wide code is not customer program-
mable and is supplied together with the data writer after
registering to Holtek. The writer generates the code au-
tomatically.
Customer ID: This area is for the Agent, for example
used to store current number of customer.
Category ID: Can be used to store the application field
information code.
Product ID: Storing the contents of the user ID number
or data.
Data CRC: A 16 bits of CRC code is generated automat-
ically by the writer.
H T 6720
E ner gy
Da t a
H o lt e k T r a n s p o n d e r S o lu t i o n
H o lt e k R e a d e r S o l u t io n
O t h e r C o n t r o lle r
RF o s c
&
Re c e i v e r
Da t a
De c o d e
&
Sys t e m
C ont r o l
Sp e c i a l
P u r pos e
C ont r o l l er
H o l t ek l o w co st M C U :
H T 48R 05A / H T 4 8R 06A
AN T
AN T
HF 2
HF 1
H T 6720
PC B
Ta g H o us i n g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com