Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4445 Datasheet(PDF) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4445
Description  P-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4445 Datasheet(HTML) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4445 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-V
DS - Drain - Source Voltage (V)
Drain-Source On Resistance
-50 -25
0
25
50
75 100 125 150
T
j - Junction Temperature (°C)
-V
SD - Source - Drain Voltage (V)
Source-Drain Diode Forward
Capacitance
Gate Charge
Q
G - Gate Charge (nC)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
R
ON@Tj=25
oC: 7.9mW
V
GS = -10V
I
DS = -16A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
70
T
j=150
oC
T
j=25
oC
0
8
16
24
32
40
0
600
1200
1800
2400
3000
3600
4200
Frequency=1MHz
Crss
Coss
Ciss
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
8
9
10
V
DS= -20V
I
DS= -16A
WSP4445
P-Ch MOSFET
Page 5
www.winsok.tw
Dec.2014



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com