Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4445 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4445
Description  P-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4445 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4445 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WSP4445
P-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=-250mA
-40
-
-
V
VDS=-32V, VGS=0V
-
-
-1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
-30
mA
VGS(th) Gate Threshold Voltage
VDS=VGS, IDS=-250mA
-1.5
-2
-2.5
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±10
mA
VGS=-20V, IDS=-16A
-
7
8.5
VGS=-10V, IDS=-16A
-
7.9
10
RDS(ON)
d Drain-Source On-state Resistance
VGS=-4.5V, IDS=-10A
-
11.5
16
m
W
Diode Characteristics
VSD
d
Diode Forward Voltage
ISD=-1A, VGS=0V
-
-0.75
-1
V
trr
Reverse Recovery Time
-
26
-
ns
Qrr
Reverse Recovery Charge
ISD=-16A, dlSD/dt=100A/ms
-
19
-
nC
Dynamic Characteristics
e
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
3.2
-
W
Ciss
Input Capacitance
-
2764
-
Coss
Output Capacitance
-
417
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=-20V,
Frequency=1.0MHz
-
325
-
pF
td(ON)
Turn-on Delay Time
-
15
-
tr
Turn-on Rise Time
-
12
-
td(OFF) Turn-off Delay Time
-
56
-
tf
Turn-off Fall Time
VDD=-20V, RL=20W,
IDS=-1A, VGEN=-10V,
RG=6W
-
21
-
ns
Gate Charge Characteristics
e
Qg
Total Gate Charge
-
60
-
Qgs
Gate-Source Charge
-
7.6
-
Qgd
Gate-Drain Charge
VDS=-20V, VGS=-10V,
IDS=-16A
-
15
-
nC
Note d:Pulse test; pulse width
£300ms, duty cycle£2%.
Note e:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com