Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP4445 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4445
Description  P-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4445 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4445 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4445 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Applications
SOP
-8 Pin Configuration
Product Summery
WSP4445
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-40
VGSS
Gate-Source Voltage
±25
V
TA=25°C
-16.7
ID
a
Continuous Drain Current (VGS=-10V)
TA=70°C
-13.3
IDM
a
Pulsed Drain Current (VGS=-10V)
-66
IS
a
Diode Continuous Forward Current
-4
L=0.1mH
-43
IAS
b
Avalanche Current, Single pulse
L=0.5mH
-24
A
L=0.1mH
92
EAS
b
Avalanche Energy, Single pulse
L=0.5mH
144
mJ
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
4.2
PD
a
Maximum Power Dissipation
TA=70°C
2.7
W
t
£ 10s
30
RqJA
a
Thermal Resistance-Junction to Ambient
Steady State
75
RqJL
c
Thermal Resistance-Junction to Lead
Steady State
24
°C/W
Note a:Surface Mounted on 1in
2 pad area, t £ 10sec.
Note b:UIS tested and pulse width limited by maximum junction temperature 150
oC (initial temperature Tj=25oC).
Note c:The power dissipation PD is based on TJ(MAX) = 150
oC, and it is useful for reducing junction-to-case thermal
resistance (RqJC) when additional heat sink is used.
S
S
S
D
D
D
D
S S S
(1, 2, 3)
G
DDDD
( 5,6,7,8 )
(4)
Features
-40V/-16
.7A,
R
DS(ON)=8.5mW (max.) @ VGS =-20V
R
DS(ON)=10mW (max.) @ VGS =-10V
R
DS(ON)=16mW (max.) @ VGS=-4.5V
· Reliable and Rugged
· Lead Free and Green Devices Available
(RoHS Compliant)
· Power Management in LCD TV Inverter.
· HBM ESD protection level pass 8KV
Note : The diode connected between the gate and
source serves only as protection against ESD. No
gate overvoltage rating is implied.
G


Similar Part No. - WSP4445

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP4447 WIINSOK-WSP4447 Datasheet
1Mb / 7P
P-Ch MOSFET
More results

Similar Description - WSP4445

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com