Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G071C8 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32G071C8
Description  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071C8 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32G071C8 Datasheet HTML 43Page - STMicroelectronics STM32G071C8 Datasheet HTML 44Page - STMicroelectronics STM32G071C8 Datasheet HTML 45Page - STMicroelectronics STM32G071C8 Datasheet HTML 46Page - STMicroelectronics STM32G071C8 Datasheet HTML 47Page - STMicroelectronics STM32G071C8 Datasheet HTML 48Page - STMicroelectronics STM32G071C8 Datasheet HTML 49Page - STMicroelectronics STM32G071C8 Datasheet HTML 50Page - STMicroelectronics STM32G071C8 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 133 page
background image
DS12232 Rev 3
47/133
STM32G071x8/xB
Pinouts, pin description and alternate functions
47
A3 25
-
29
-
44 D4 59
PB5
I/O
FT
-
SPI1_MOSI/I2S1_SD,
TIM3_CH2, TIM16_BKIN,
LPTIM1_IN1, I2C1_SMBA,
COMP2_OUT
WKUP6
B3 26 26 30 30 45 A4 60
PB6
I/O
FT_fa
-
USART1_TX, TIM1_CH3,
TIM16_CH1N, SPI2_MISO,
LPTIM1_ETR, I2C1_SCL,
EVENTOUT
COMP2_INP
A4 27 27 31 31 46 A3 61
PB7
I/O
FT_fa
-
USART1_RX, SPI2_MOSI,
TIM17_CH1N,
USART4_CTS,
LPTIM1_IN2, I2C1_SDA,
EVENTOUT
COMP2_INM, PVD_IN
B4 28 28 32 32 47 B3 62
PB8
I/O
FT_f
-
CEC, SPI2_SCK,
TIM16_CH1, USART3_TX,
TIM15_BKIN, I2C1_SCL,
EVENTOUT
-
-
-
-
1
1
48C363
PB9
I/O
FT_f
-
IR_OUT, UCPD2_FRSTX,
TIM17_CH1, USART3_RX,
SPI2_NSS, I2C1_SDA,
EVENTOUT
-
-
-
-
-
-
-
A2 64
PC10
I/O
FT
-
USART3_TX, USART4_TX,
TIM1_CH3
-
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current (3
mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (for example to drive a LED).
2. After an RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of
the RTC registers. The RTC registers are not reset upon system reset. For details on how to manage these GPIOs, refer to
the RTC domain and RTC register descriptions in the RM0444 reference manual.
3. Upon reset, a pull-down resistor might be present on PB15, PA8, PD0, or PD2, depending on the voltage level on PB0,
PA9, PC6, PA10, PD1, and PD3. In order to disable this resistor, strobe the UCPDx_STROBE bit of the SYSCFG_CFGR1
register during start-up sequence.
4. Pins PA9/PA10 can be remapped in place of pins PA11/PA12 (default mapping), using SYSCFG_CFGR1 register.
5. Upon reset, these pins are configured as SW debug alternate functions, and the internal pull-up on PA13 pin and the
internal pull-down on PA14 pin are activated.
Table 12. Pin assignment and description (continued)
Pin Number
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com