Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G071C8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32G071C8
Description  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071C8 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32G071C8 Datasheet HTML 1Page - STMicroelectronics STM32G071C8 Datasheet HTML 2Page - STMicroelectronics STM32G071C8 Datasheet HTML 3Page - STMicroelectronics STM32G071C8 Datasheet HTML 4Page - STMicroelectronics STM32G071C8 Datasheet HTML 5Page - STMicroelectronics STM32G071C8 Datasheet HTML 6Page - STMicroelectronics STM32G071C8 Datasheet HTML 7Page - STMicroelectronics STM32G071C8 Datasheet HTML 8Page - STMicroelectronics STM32G071C8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
This is information on a product in full production.
March 2020
DS12232 Rev 3
1/133
STM32G071x8/xB
Arm® Cortex®-M0+ 32-bit MCU, up to 128 KB Flash, 36 KB RAM,
4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
Datasheet
- production data
Features
• Core: Arm® 32-bit Cortex®-M0+ CPU,
frequency up to 64 MHz
• -40°C to 85°C/105°C/125°C operating
temperature
• Memories
– Up to 128 Kbytes of Flash memory with
protection and securable area
– 36 Kbytes of SRAM (32 Kbytes with HW
parity check)
• CRC calculation unit
• Reset and power management
– Voltage range: 1.7 V to 3.6 V
– Power-on/Power-down reset (POR/PDR)
– Programmable Brownout reset (BOR)
– Programmable voltage detector (PVD)
– Low-power modes:
Sleep, Stop, Standby, Shutdown
–VBAT supply for RTC and backup registers
• Clock management
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator with calibration
– Internal 16 MHz RC with PLL option (±1 %)
– Internal 32 kHz RC oscillator (±5 %)
• Up to 60 fast I/Os
– All mappable on external interrupt vectors
– Multiple 5 V-tolerant I/Os
• 7-channel DMA controller with flexible mapping
• 12-bit, 0.4 µs ADC (up to 16 ext. channels)
– Up to 16-bit with hardware oversampling
– Conversion range: 0 to 3.6V
• Two 12-bit DACs, low-power sample-and-hold
• Two fast low-power analog comparators, with
programmable input and output, rail-to-rail
• 14 timers (two 128 MHz capable): 16-bit for
advanced motor control, one 32-bit and five 16-
bit general-purpose, two basic 16-bit, two low-
power 16-bit, two watchdogs, SysTick timer
• Calendar RTC with alarm and periodic wakeup
from Stop/Standby/Shutdown
• Communication interfaces
–Two I2C-bus interfaces supporting Fast-
mode Plus (1 Mbit/s) with extra current
sink, one supporting SMBus/PMBus and
wakeup from Stop mode
– Four USARTs with master/slave
synchronous SPI; two supporting ISO7816
interface, LIN, IrDA capability, auto baud
rate detection and wakeup feature
– One low-power UART
– Two SPIs (32 Mbit/s) with 4- to 16-bit
programmable bitframe, one multiplexed
with I2S interface
– HDMI CEC interface, wakeup on header
• USB Type-C™ Power Delivery controller
• Development support: serial wire debug (SWD)
• 96-bit unique ID
• All packages ECOPACK®2 compliant
Table 1. Device summary
Reference
Part number
STM32G071x8
STM32G071C8, STM32G071G8,
STM32G071K8, STM32G071R8
STM32G071xB
STM32G071RB, STM32G071CB,
STM32G071KB, STM32G071GB,
STM32G071EB
LQFP64
UFQFPN48
UFQFPN32
UFQFPN28
LQFP48
LQFP32
WLCSP25
2.3 × 2.5 mm
UFBGA64
5 × 5mm
10 × 10 mm
7 × 7mm
7 × 7mm
7 × 7 mm
5× 5mm
4× 4mm
www.st.com


Similar Part No. - STM32G071C8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G071C8 STMICROELECTRONICS-STM32G071C8 Datasheet
1Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
Rev 3
STM32G071C8 STMICROELECTRONICS-STM32G071C8 Datasheet
2Mb / 135P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
23-Sep-2021
STM32G071C8I3XTR STMICROELECTRONICS-STM32G071C8I3XTR Datasheet
2Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
March 2020 Rev 3
STM32G071C8I6XTR STMICROELECTRONICS-STM32G071C8I6XTR Datasheet
2Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
March 2020 Rev 3
STM32G071C8I7XTR STMICROELECTRONICS-STM32G071C8I7XTR Datasheet
2Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
March 2020 Rev 3
More results

Similar Description - STM32G071C8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC122X NXP-LPC122X Datasheet
1Mb / 60P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 1.1-21 February 2011
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC11E36 NXP-LPC11E36 Datasheet
1Mb / 66P
32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
Rev. 2-21 November 2013
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
NXP Semiconductors
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com