Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G071C8 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32G071C8
Description  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071C8 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32G071C8 Datasheet HTML 62Page - STMicroelectronics STM32G071C8 Datasheet HTML 63Page - STMicroelectronics STM32G071C8 Datasheet HTML 64Page - STMicroelectronics STM32G071C8 Datasheet HTML 65Page - STMicroelectronics STM32G071C8 Datasheet HTML 66Page - STMicroelectronics STM32G071C8 Datasheet HTML 67Page - STMicroelectronics STM32G071C8 Datasheet HTML 68Page - STMicroelectronics STM32G071C8 Datasheet HTML 69Page - STMicroelectronics STM32G071C8 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 133 page
background image
Electrical characteristics
STM32G071x8/xB
66/133
DS12232 Rev 3
5.3.6
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in Table 34 are the latency between the event and the execution of
the first user instruction.
TIM17
APB
0.7
0.7
0.5
LPTIM1
APB
3.2
2.7
3.0
LPTIM2
APB
3.1
2.5
3.0
I2C1
APB
3.8
3.1
3.5
I2C2
APB
0.7
0.6
1.0
SPI2
APB
1.5
1.2
1.0
USART1
APB
7.2
6.0
6.5
USART2
APB
7.2
6.0
6.0
USART3
APB
2.0
1.7
2.0
USART4
APB
2.0
1.7
2.0
LPUART1
APB
4.3
3.5
4.0
CEC
APB
0.4
0.3
0.5
UCPD1
APB
4.0
7.7
NA(2)
UCPD2
APB
4.0
7.7
NA(2)
ADC
APB
2.0
1.7
2.0
DAC
APB
2.2
1.8
2.0
1. The AHB to APB Bridge is automatically active when at least one peripheral is ON on the APB.
2. UCPDx are always clocked by HSI16.
Table 33. Current consumption of peripherals (continued)
Peripheral
Bus
Consumption in µA/MHz
Range 1
Range 2
Low-power run
and sleep
Table 34. Low-power mode wakeup times(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time from
Sleep to Run
mode
-11
11
CPU
cycles
tWULPSLEEP
Wakeup time from
Low-power sleep
mode
Transiting to Low-power-run-mode execution in Flash
memory not powered in Low-power sleep mode;
HCLK = HSI16 / 8 = 2 MHz
11
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com