Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G071C8 Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32G071C8
Description  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071C8 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32G071C8 Datasheet HTML 125Page - STMicroelectronics STM32G071C8 Datasheet HTML 126Page - STMicroelectronics STM32G071C8 Datasheet HTML 127Page - STMicroelectronics STM32G071C8 Datasheet HTML 128Page - STMicroelectronics STM32G071C8 Datasheet HTML 129Page - STMicroelectronics STM32G071C8 Datasheet HTML 130Page - STMicroelectronics STM32G071C8 Datasheet HTML 131Page - STMicroelectronics STM32G071C8 Datasheet HTML 132Page - STMicroelectronics STM32G071C8 Datasheet HTML 133Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 132 / 133 page
background image
Revision history
STM32G071x8/xB
132/133
DS12232 Rev 3
8
Revision history
Table 85. Document revision history
Date
Revision
Changes
8-Nov-2018
1
Initial release.
28-Nov-2018
2
Table 19: IINJ(PIN) parameter definition modified;
Table 21: VIN parameter definition modified;
Table 51: FT_d type added to Ilkg parameter
specification, note attached to Ilkg values, and TT_xx
modified to TT_a;
Table 56: “single ended mode” removed from IDDV(ADC)
parameter definition;
Table 84: UFBGA64 5x5 mm package
ΘJA corrected
06-Mar-2020
3
Cover page updated;
Section 2: Description updated;
Section 3.3.1: Securable area added;
Section 3.7.1: Power supply schemes: corrected
minimum VDD and VDDA values;
Section 3.14.1: Temperature sensor: “engineering
bytes” replaced “System memory”;
Section 3.20: Inter-integrated circuit interface (I2C):
SMBus and PMBus feature points;
Section 3.21: Universal synchronous/asynchronous
receiver transmitter (USART): max. speed corrected;
Table 12: Note 3 inserted and note 4 modified;
Table 18 updated;
Table 19: Note 2 removed;
Table 21: Redefined VIN for I/Os of other than TT_xx
and FT_c type;
Table 49: LU class modified from “II” to “II Level A”;
Table 52: I/O current condition for relaxed VOL/VOH
corrected from 18 mA to 15 mA; section Output driving
current corrected accordingly;
Table 56: major update;
Section 3.12: DMA request multiplexer (DMAMUX)
added;
Figures with package marking examples corrected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com