Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2811A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM3P2811A
Description  Low Power EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2811A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM3P2811A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
September 2003
ASM3P2811A/B
ASM3P2812A/B
ASM3P2814A/B
rev 1.0
Low Power EMI Reduction IC
3 of 6
Notice: The information in this document is subject to change without notice.
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Crystal connection or external frequency input. This pin has dual functions.
It can be connected to either an external crystal or an external reference
clock.
2
VSS
P
Ground to entire chip.
3
D_C
I
Digital logic input used to select Down (LOW) or Center (HIGH) spread
options. (Refer Output Frequency Deviation and Spread Option Selection
Table). This pin has an internal pull-up resistor.
4
SRS
I
Spread range select. Digital logic input used to select frequency deviation
(Refer Output Frequency Deviation and Spread Option Selection Table).
This pin has an internal pull-up resistor.
5
ModOUT
O
Spread spectrum clock output (Refer Input/Output Frequency Range
Selection Table and Output Frequency Deviation and Spread Option
Selection Table).
6
FRS
I
Frequency range select. Digital logic input used to select input frequency
range (Refer Input/Output Frequency Deviation and Spread Option
Selection Table). This pin has an internal pull-up resistor.
7
VDD
P
Power supply for the entire chip (3.3V).
8
XOUT
I
Crystal connection. Input connection for an external crystal. If using an
external reference, this pin must be left unconnected.
Input/Output Frequency Range Selection Table
Part Number
ASM3P2811 (1X)
ASM3P2812 (2X)
ASM3P2814 (4X)
FRS (pin 6)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Modulation Rate
0
10-20
10-20
10-20
20-40
10-20
40-80
Input Frequency / 448
1
20-40
20-40
20-40
40-80
20-40
80-160
Input Frequency / 896



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com