Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2811A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2811A
Description  Low Power EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2811A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2811A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2003
ASM3P2811A/B
ASM3P2812A/B
ASM3P2814A/B
rev 1.0
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Low Power EMI Reduction IC
Features
FCC approved method of EMI attenuation.
Provides up to 15dB EMI reduction.
Generates a 1X, 2X and 4X low EMI spread
spectrum clock of the input frequency.
o
1X: ASM3P2811A/B
o
2X: ASM3P2812A/B
o
4X: ASM3P2814A/B
Optimized for input frequency range from 10MHz
to 40 MHz.
o
ASM3P2811A/B: 10 to 40MHz
o
ASM3P2812A/B: 10 to 40MHz
o
ASM3P2814A/B: 10 to 40MHz
Internal loop filter minimizes external components
and board space.
Selectable spread options: Down Spread and
Center Spread.
8 spread frequency deviation selections:
o
±0.625% to –3.5%
Low inherent cycle-to-cycle jitter.
3.3V operating voltage range.
CMOS/TTL compatible inputs and outputs.
Pinout
compatible
with
Cypress
CY25811,
CY25812 and CY25814.
Products are available for industrial temperature
range.
Available in 8-pin SOIC and TSSOP.
Product Description
The ASM3P28XX devices are versatile spread spectrum
frequency modulators designed specifically for a wide
range of input clock frequencies from 10MHz to 40MHz.
(Refer Input/Output Frequency Range Selection Table).
The ASM3P28XX can generate an EMI reduced clock
from
crystal, ceramic resonator, or system clock. The
ASM3P28XX-A and the ASM3P28XX-B offer various
combinations
of
spread
options
and
percentage
deviations
(Refer
Output
Frequency
Deviation
and
Spread Option Selection Table). These combinations
include Down and Center Spread and percentage
deviation range from ±0.625% to –3.50%.
The ASM3P28XX reduces electromagnetic interference
(EMI) at the clock source, allowing system wide reduction
of EMI of
down stream clock and data dependent
signals. The ASM3P28XX allows significant system cost
savings by reducing the number of circuit board layers,
ferrite beads, shielding, and other passive components
that are traditionally required to pass EMI regulations.
The ASM3P28XX modulates the output of a single PLL in
order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
The ASM3P28XX uses the most efficient and optimized
modulation
profile
approved
by
the
FCC
and
is
implemented in a proprietary all-digital method.
Applications
The ASM3P28XX is targeted towards EMI management
for memory and LVDS interfaces in mobile graphic
chipsets and high-speed digital applications such as PC
peripheral devices, consumer electronics, and embedded
controller systems.


Similar Part No. - ASM3P2811A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
156Kb / 11P
Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811AF-08SR PULSECORE-ASM3P2811AF-08SR Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811AF-08SR PULSECORE-ASM3P2811AF-08SR Datasheet
156Kb / 11P
Low Power EMI Reduction IC
More results

Similar Description - ASM3P2811A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2109A ALSC-ASM3P2109A Datasheet
160Kb / 7P
Low Power EMI Reduction IC
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
Low Power EMI Reduction IC
ASM3P5821A ALSC-ASM3P5821A Datasheet
173Kb / 7P
Low Power EMI Reduction IC
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
P2811 ALSC-P2811 Datasheet
382Kb / 8P
Low-Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
Low Power EMI Reduction IC
PCS3P2537A PULSECORE-PCS3P2537A Datasheet
278Kb / 7P
Low Power Peak EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
Low Power EMI Reduction IC
August, 2011 ??Rev. 3
P2811A ONSEMI-P2811A Datasheet
136Kb / 6P
Low Power EMI Reduction IC
JUNE 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com