Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2811A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3P2811A
Description  Low Power EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2811A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3P2811A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2811A Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
September 2003
ASM3P2811A/B
ASM3P2812A/B
ASM3P2814A/B
rev 1.0
Low Power EMI Reduction IC
4 of 6
Notice: The information in this document is subject to change without notice.
Output Frequency Deviation and Spread Option Selection Table
Part Number
D_C (pin 3)
SRS (pin 4)
Output frequency deviation
and spread option
0
0
-2.50% (Down)
0
1
-3.50% (Down)
1
0
± 1.25% (Center)
ASM3P28XXA
1
1
±1.75% (Center)
0
0
-1.25% (Down)
0
1
-1.75% (Down)
1
0
± 0.625% (Center)
ASM3P28XXB
1
1
± 0.875% (Center)
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to + 7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com