Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5CVF857-48VT Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857-48VT
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857-48VT Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button ASM5CVF857-48VT Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 15Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
13 of 15
Notice: The information in this document is subject to change without notice.
1 2
N
E1
E
D
Index Area
C
L
A
A1
A2
e
b
aaa
C
Seating Plane
Package Dimensions (4.40mm (1713 mil) body, 0.40 mm (16 mil) pitch TVSOP)
Dimensions (mm)
Dimensions (inches)
Symbol
Min
Max
Min
Max
A
-
1.20
-
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.32
0.041
b
0.17
0.27
0.007
0.011
c
0.09
0.20
0.0035
0.008
D
See Variations
E
8.10 Basic
0.319 Basic
E1
6.00
6.20
0.236
0.244
e
0.50 Basic
0.20 Basic
L
0.45
0.75
0.018
0.030
N
See Variations
0°
8°
0°
8°
aaa
-
0.10
-
0.004
D (MM)
D(inch)
N
Min
Max
Min
Max
48
12.40
12.60
0.488
0.496



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com