Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5CVF857-48VT Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857-48VT
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857-48VT Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM5CVF857-48VT Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
6 of 15
Notice: The information in this document is subject to change without notice.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0°76C to 85°C. Supply voltage AVDD and VDD=2.5V ± 0.2V (unless otherwise stated).
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input high current
IIH
VI = VDD or GND
5
µA
Input low current
IIL
VI = VDD or GND
5
µA
IDDQ
CL = 0pF, RL = 120, FCLK_IN = 200MHz
310
mA
Operating supply
current
IDDPD
PDB = GND, FCLK_IN=0MHz
100
200
µA
Supply Current on
AVDD
IADD
FCLK_IN = 200MHz
9
12
mA
Input clamp voltage
VIK
VDDQ=2.3V IIN = -18mA
-1.2
V
IOH = -100µA
VDD-0.1
V
High-level output
voltage
VOH
IOH = -12mA
1.7
V
IOL = 100µA
0.1
V
Low-level output
voltage
VOL
IOL = 12mA
0.6
V
Input capacitance*
CIN
VI = GND or VDD
2
3.5
pF
Input capacitance
variation
CI(
VOUT = GND or VDD
-0.25
0.25
pF
* Guaranteed by design at 200MHz; not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com