Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5CVF857-48VT Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857-48VT
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857-48VT Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM5CVF857-48VT Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857-48VT Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
3 of 15
Notice: The information in this document is subject to change without notice.
56-BALL BGA
1
2
3
4
5
6
A
CLKT0
CLKC0
GND
GND
CLKC5
CLKT5
B
CLKC1
CLKT1
VDD
VDD
CLKT6
CLKC6
C
GND
GND
NC
NC
GND
GND
D
CLKT2
CLKC2
NC
NC
CLKC7
CLKC7
E
VDD
VDD
NB
NB
VDD
PDB
F
CLK_INT
CLK_INC
NB
NB
FB_INC
FB_INT
G
VDD
AVDD
NC
NC
FB_OUTC
VDD
H
AGND
GND
NC
NC
GND
FB_OUTT
J
CLKC3
CLKT3
VDD
VDD
CLKT8
CLKC8
K
CLKT4
CLKC4
GND
GND
CLKC9
CLKT9
A
E
F
G
H
J
B
C
D
K
1
2
3
4
5
6
56-BALL BGA
(SEE TABLE BELOW)
GND
CLKC2
CLKT2
CLK_IN
VDD
VDD
CLK_INC
AVDD
AGND
GND
CLKC7
CLKT7
VDD
FB_INT
PDB
VDD
FB_INC
VDD
FB_OUTC
FB_OUTT
ASM5CVF857
40-PIN MLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com