Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3376AX Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # MM3376AX
Description  150mA CMOS Voltage Regulator IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3376AX Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM3376AX Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
150mA CMOS Voltage Regulator IC MM3376AX Series
Pin Description
SOT-25A
Pin No.
Pin name
Functions
1
VDD
Voltage-supply pin
2
GND
Ground pin
3
CE
ON/OFF-Control pin
CE
OUTPUT
Low
OFF
High
ON
Connect CE pin with VDD pin,
when it is not used.
4
NC
No connection
5
VOUT
Output pin
SSON-4
Pin No.
Pin name
Functions
1
GND
Ground pin
2
CE
ON/OFF-Control pin
CE
OUTPUT
Low
OFF
High
ON
Connect CE pin with VDD pin,
when it is not used.
3
VDD
Voltage-supply pin
4
VOUT
Output pin
SC-82
Pin No.
Pin name
Functions
1
CE
ON/OFF-Control pin
CE
OUTPUT
Low
OFF
High
ON
Connect CE pin with VDD pin,
when it is not used.
2
GND
Ground pin
3
VOUT
Output pin
4
VDD
Voltage-supply pin
Item
Symbol
Ratings
Units
Storage temperature
TSTG
−55~+150
°C
Supply voltage
VDD
6.5
V
CE input voltage
VCE
−0.3~6.5
V
Output voltage
VOUT
−0.3~6.5
V
Output current
IOUT
200
mA
Power dissipation
Pd
350(Note1)(SOT-25A)
mW
330(Note2)(SSON-4B)
240(Note3)(SC-82ABB)
Note1 : With PC Board of glass epoxy.
Note2 : With PC Board of glass epoxy 110
40
0.8
tmm
Note3 : With PC Boad of glass epoxy (The tab pin is not connected with PC Boad.) 100
100
1.6
tmm
Item
Symbol
Ratings
Units
Operating ambient temperature
TJOP
-40~85
°C
Operating voltage
VOP
Vo+0.3~6
V
Output current
IOUT
0~150
mA
Absolute Maximum Ratings (Except where noted otherwise Ta=25°C)
Recommended Operating Conditions (Except where noted otherwise Ta=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com