Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3376AX Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM3376AX
Description  150mA CMOS Voltage Regulator IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3376AX Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM3376AX Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
150mA CMOS Voltage Regulator IC MM3376AX Series
Note4 : The item is guaranteed by design.
Electrical Characteristics 1 (Except where noted otherwise VDD=VO(typ.)+1V, VCE=VDD, Ta=25°C)
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Input current (OFF)
IDDoff
VCE=0V
0.6
1.2
μA
No-load input current
IDD
IOUT=0mA
1.7
3.5
μA
Output voltage
VOUT
IOUT=1mA
0.98
1.02
V
Line regulation
VLINE
IOUT=1mA
VOUT(typ.)+1V VDD 6V
0.05
0.20
%/V
Load regulation
VLOAD
1mA IOUT 150mA
30
90
mV
Dropout voltage
Vio
Please refer to another page
V
Output short-circuit current
(Note4)
Ilim
VOUT=0V
60
mA
VOUT temperature coefficient
(Note4)
VOUT/ TOP
IOUT=30mA
-40 TOP 85°C
±100
ppm/°C
CE pin current
ICE
0.5
μA
CE H threshold voltage
VCEH
1.0
VDD
V
CE L threshold voltage
VCEL
0
0.3
V
Reverse current
IREV
VOUT>0.5V, 0V VDD 6V
0.1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com