Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3376AX Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM3376AX
Description  150mA CMOS Voltage Regulator IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3376AX Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM3376AX Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
150mA CMOS Voltage Regulator IC MM3376AX Series
150mA CMOS Voltage Regulator IC
Monolithic IC MM3376AX Series
Outline
This IC is a regulator IC providing low supply current (1.7µA) and low input voltage (1.2~6V), developed using
the CMOS process, and supports longer battery life with a chip enable function. In addition, it is ideal to
be used for a constant voltage power supply for backup as it includes a reverse current protection function
to automatically prevent a current (0.1µA max.) from reversely flowing to the input terminal side if a voltage
exceeding the input terminal voltage (VDD) is applied to the output terminal (VOUT) by monitoring the voltages
of the output terminal (VOUT) and input terminal (VDD).
Features
1. Input voltage range
1.2~6V
2. Output voltage range
0.8~5.0V
3. Output voltage accuracy
VOUT±2%
4. Maximum output current
150mA
5. Supply current
1.7µA typ.(No-Load Input Current)
0.6µA typ.(OFF)
6. Reverse current
0.1µA max.
7. Output capacitor
0.1µF
8. Dropout voltage
30mV typ. / 50mV max. (Io=10mA 3.3V VOUT 5.0V)
9. Output short-circuit current
60mA typ.
10. Line regulation
0.05%V typ. (Io=1mA)
11. Load regulation
30mV typ. / 90mV max. (Io=1~150mA)
Package
SOT-25A
SSON-4
SC-82
Applications
1. Cellular Phones
2. Portable Games
3. PDAs
4. Digital still Cameras
5. Note PCs


Similar Part No. - MM3376AX

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3370 MITSUMI-MM3370 Datasheet
1Mb / 10P
High Voltage Operation Step-down DCDC Converter
More results

Similar Description - MM3376AX

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Mitsumi Electronics, Co...
MM3081JL MITSUMI-MM3081JL Datasheet
74Kb / 2P
150mA CMOS Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
150mA CMOS LDO Regulator
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
150mA CMOS LDO Regulator
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
150mA CMOS Low Noise LDO Voltage Regulator
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com