Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R-B130 Datasheet(PDF) 3 Page - Luminus, Inc

Part # SST-10-R-B130
Description  Red LED High Power Red LED with Peak Wavelength of 630nm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R-B130 Datasheet(HTML) 3 Page - Luminus, Inc

  SST-10-R-B130 Datasheet HTML 1Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 2Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 3Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 4Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 5Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 6Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 7Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 8Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PDS-002895 Rev 03
© 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red Product Datasheet
Part Number Nomenclature
Product Family
LED Emission Area
Color
Package Configuration
Bin kit
SST: Surface Mount
Package
10: 1.0 mm2
<A>: Color
R = Red
B90: 90-degree lens
B130: 130-degree lens
Flux and Chromaticity bin kit
code - See available ordering
codes below
SST
10
<A>
<B###>
<FF###>
SST-10 Bin Kit Order Codes
The following table describes the bin kit ordering codes available for the SST-10 Red LEDs. Each bin kit specifies a minimum flux as well as
specific chromaticity bins allowed. Please note that within each kit a maximum flux is not specified and as a result Luminus may ship any
part meeting or exceeding the minimum flux specification. Shipments will always meet the listed chromaticity bins. For information on
ordering bin kits not listed below, please contact Luminus.
SST-10 Red Bin Kit Order Codes
Color
Luminous Flux
Chromaticity Bins
Kit Number
Bin Kit Flux
Code
Min. Flux
Red
F
230
615,620,625
F630
Product Shipping & Labeling Information
All SST-10 products are packaged and labeled with their respective bin as outlined in the tables on pages 2 & 3. Each reel will only
contain one bin.
SST-10 Red
Product Family
LED Emission Area
Color
Package Configuration
Bin kit
SST: Surface Mount
Package
10: 1.0 mm2
Color
B90: 90-degree lens
B130: 130-degree lens
Flux and Chromaticity bin kit
code as outlined above
SST
10
R
BXXX
FFWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com