Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R-B130 Datasheet(PDF) 12 Page - Luminus, Inc

Part # SST-10-R-B130
Description  Red LED High Power Red LED with Peak Wavelength of 630nm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R-B130 Datasheet(HTML) 12 Page - Luminus, Inc

Back Button SST-10-R-B130 Datasheet HTML 4Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 5Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 6Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 7Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 8Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 9Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 10Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 11Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 12Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
PDS-002895 Rev 03
© 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red Product Datasheet
History of Changes
Rev
Description of Change
01
06/10/2016
Initial Release - Preliminary Specifications
02
04/03/2017
Updated title in “Relative Output Flux vs. Junction Temperature” graph and address..
03
07/31/2017
Corrected ordering information typo on page 2, dissipated power value on page 4 and other various minor
typos.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com