Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-10-R-B130 Datasheet(PDF) 4 Page - Luminus, Inc

Part # SST-10-R-B130
Description  Red LED High Power Red LED with Peak Wavelength of 630nm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R-B130 Datasheet(HTML) 4 Page - Luminus, Inc

  SST-10-R-B130 Datasheet HTML 1Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 2Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 3Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 4Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 5Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 6Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 7Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 8Page - Luminus, Inc SST-10-R-B130 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(Part #) Product Datasheet
4
PDS-002895 Rev 03
© 2017 Luminus Devices, Inc. - All Rights Reserved
Note 1:
Ratings are based on operation at a constant junction temperature of T
j = 25ºC.
Note 2:
To prevent damage, please refer to operating conditions and derating curves for appropriate maximum operating conditions
Note 3:
Maximum operating case temperature combined with maximum drive current defines the total maximum operating condition for the device. To
prevent damage, please follow derating curves for all operating conditions.
Note 4:
Luminus SST-10-Red LEDs are designed for operation up to an absolute maximum forward drive current as specified above. Product lifetime data is
specified at typical forward drive currents. Sustained operation at absolute maximum currents will result in a reduction of device lifetime compared
to typical forward drive currents. Actual device lifetimes will also depend on junction temperature. Refer to the current vs. junction temperature
derating curves for further information. In pulsed operation, rise time from 10-90% of forward current should be larger than 0.5 microseconds.
Note 5:
Caution must be taken not to stare at the light emitted from these LEDs. Under special circumstances, the high intensity could damage the eye.
Optical and Electrical Characteristics at 350mA1
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Forward Current2
I
f
350
1,500
mA
Output Power
Φ
r
320
mW
Forward Voltage
V
f
1.8
2.1
2.6
V
Wall-Plug Efficiency
WPE
44
%
Viewing Angle
2 Ø
1/2
90 or 130
degrees
Dominant Wavelength
λ
d
615
621
627
nm
FWHM
1/2
16
20
24
nm
Thermal Resistance (Electrical)
R
TH
5.3
°C/W
Absolute Maximum Ratings2
Parameter
Symbol
Rating
Unit
Forward Current3,4
I
1.5
A
Power Dissipation
Pd
5.0
W
Reverse Voltage
Vr
5
V
Storage Temperature
TsTG
-40~100
°C
Junction Temperature3,4
TJ
115 ºC
°C
Soldering Temperature
Tsld
JEDEC 020, 260 ºC
ESD Sensitivity (HBM)
Vb
6000
V
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red Product Datasheet
Optical and Electrical Characteristics5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com