Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAM2012L5BT Datasheet(PDF) 4 Page - ON Semiconductor

Part # NFAM2012L5BT
Description  Intelligent Power Module (IPM) 1200 V, 20 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM2012L5BT Datasheet(HTML) 4 Page - ON Semiconductor

  NFAM2012L5BT Datasheet HTML 1Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 2Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 3Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 4Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 5Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 6Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 7Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 8Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NFAM2012L5BT
www.onsemi.com
4
Table 1. PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
VS(U)
High−Side Bias Voltage GND for U Phase IGBT Driving
(2)
−
Dummy
3
VB(U)
High−Side Bias Voltage for U Phase IGBT Driving
4
VDD(UH)
High−Side Bias Voltage for U Phase IC
(5)
−
Dummy
6
HIN(U)
Signal Input for High−Side U Phase
7
VS(V)
High−Side Bias Voltage GND for V Phase IGBT Driving
(8)
−
Dummy
9
VB(V)
High−Side Bias Voltage for V Phase IGBT Driving
10
VDD(VH)
High−Side Bias Voltage for V Phase IC
(11)
−
Dummy
12
HIN(V)
Signal Input for High−Side V Phase
13
VS(W)
High−Side Bias Voltage GND for W Phase IGBT Driving
(14)
−
Dummy
15
VB(W)
High−Side Bias Voltage for W Phase IGBT Driving
16
VDD(WH)
High−Side Bias Voltage for W Phase IC
(17)
−
Dummy
18
HIN(W)
Signal Input for High−Side W Phase
(19)
−
Dummy
20
VTS
Voltage Output for LVIC Temperature Sensing Unit
21
LIN(U)
Signal Input for Low−Side U Phase
22
LIN(V)
Signal Input for Low−Side V Phase
23
LIN(W)
Signal Input for Low−Side W Phase
24
VFO
Fault Output
25
CFOD
Capacitor for Fault Output Duration Selection
26
CIN
Input for Current Protection
27
VSS
Low−Side Common Supply Ground
28
VDD(L)
Low−Side Bias Voltage for IC and IGBTs Driving
(29)
−
Dummy
(30)
−
Dummy
31
NW
Negative DC−Link Input for U Phase
32
NV
Negative DC−Link Input for V Phase
33
NU
Negative DC−Link Input for W Phase
34
W
Output for U Phase
35
V
Output for V Phase
36
U
Output for W Phase
37
P
Positive DC−Link Input
38
VTH
Thermistor Bias Voltage (T) / Not connection
39
RTH
Series Resister for Thermistor (Temperature Detection) *optional for T



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com