Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAM2012L5BT Datasheet(PDF) 3 Page - ON Semiconductor

Part # NFAM2012L5BT
Description  Intelligent Power Module (IPM) 1200 V, 20 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM2012L5BT Datasheet(HTML) 3 Page - ON Semiconductor

  NFAM2012L5BT Datasheet HTML 1Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 2Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 3Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 4Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 5Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 6Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 7Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 8Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NFAM2012L5BT
www.onsemi.com
3
Figure 3. Equivalent Block Diagram
HIN (U) (6)
HVIC 1
VDD (UH ) (4)
VB (U) (3)
VS(U ) (1)
LIN (V) (22 )
VTS (20)
LIN (U ) (21 )
VTH (38)
U (36)
P (37)
V (35 )
W (34)
NU (33 )
NV (32 )
NW (31 )
RTH (39
* NTC Thermistor
VS
HIN
VDD
VB
VSS
HOUT
HIN (V) (12 )
HVIC 2
VDD (VH ) (10 )
VB (V)(9)
VS(V) (7)
VS
HIN
VDD
VB
VSS
HOUT
HIN (W) (18 )
HVIC 3
VDD (WH ) (16 )
VB (W) (15 )
VS(W) (13 )
VS
HIN
VDD
VB
VSS
HOUT
LVIC
OUT (U)
OUT (V)
OUT (W)
LIN (W) (23 )
VFO (24 )
CFOD (25 )
CIN (26 )
VSS (27 )
VDD (L) (28 )
VTS
LIN(U)
LIN(V)
LIN(W)
VFO
CFOD
CIN
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com