Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAM2012L5BT Datasheet(PDF) 1 Page - ON Semiconductor

Part # NFAM2012L5BT
Description  Intelligent Power Module (IPM) 1200 V, 20 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM2012L5BT Datasheet(HTML) 1 Page - ON Semiconductor

  NFAM2012L5BT Datasheet HTML 1Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 2Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 3Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 4Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 5Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 6Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 7Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 8Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2019
October, 2019 − Rev. P0
1
Publication Order Number:
NFAM2012L5BT/D
Intelligent Power Module (IPM)
1200 V, 20 A
Advance Information
NFAM2012L5BT
The NFAM2012L5BT is a fully−integrated inverter power module
consisting of an independent High side gate driver, LVIC, six IGBT’s
and a temperature sensor (TSU by LVIC and NTC Thermistor),
suitable for driving permanent magnet synchronous (PMSM) motors,
brushless DC (BLDC) motors and AC asynchronous motors. The
IGBT’s are configured in a three−phase bridge with separate emitter
connections for the lower legs for maximum flexibility in the choice of
control algorithm.
The power stage has under−voltage lockout protection (UVP).
Internal boost diodes are provided for high side gate boost drive.
Features
• Three−phase 1200 V, 20 A IGBT Module with Independent Drivers
• Active Logic Interface
• Built−in Under−voltage Protection (UVP)
• Integrated Bootstrap Diodes and Resistors
• Separate Low−side IGBT Emitter Connections for Individual Current
Sensing of Each Phase
• Temperature Sensor (TSU Output by LVIC or NTC Thermistor)
• UL Certification: *Applied
• This is a Pb−Free Device
Typical Application
• Industrial Drives
• Industrial Pumps
• Industrial Fans
• Industrial Automation
Figure 1. Application Schematic
High Side
Low Side
LVIC
with
Protection
High Side
High Side
HS1
HS2
HS3
LS3
LS2
LS1
HS1
HS2
HS3
LS1
LS2
LS3
RTH VTH PU
V
W
NU
NV
NW
HVIC1
HVIC2
HVIC3
VS(U)
VB(U)
VDD(UH)
HIN(U)
VS(V)
VB(V)
VDD(VH)
HIN(V)
VS(W)
VB(W)
VDD(WH)
HIN(W)
VTS
LIN(U)
LIN(V)
LIN(W)
VFO
CFOD
CIN
VSS
VDD(L)
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
www.onsemi.com
MARKING DIAGRAM
NFAM2012L5BT = Specific Device Code
ZZZ
= Assembly Lot Code
A
= Assembly Location
T
= Test Location
Y
= Year
WW
= Work Week
Device marking is on package top side
NFAM2012L5BT
ZZZATYWW
Device
Package
Shipping†
(Qty / Packing)
ORDERING INFORMATION
NFAM2012L5BT DIP39, 31.0x54.5
90 / BOX
(Pb−Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
CASE MODGC
MINI DIP39, 31.0x54.5


Similar Part No. - NFAM2012L5BT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM2012L5B ONSEMI-NFAM2012L5B Datasheet
487Kb / 9P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
More results

Similar Description - NFAM2012L5BT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM2065L4B ONSEMI-NFAM2065L4B Datasheet
454Kb / 9P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
NFAM2065L4BT ONSEMI-NFAM2065L4BT Datasheet
285Kb / 10P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
NFAM1012L5B ONSEMI-NFAM1012L5B Datasheet
395Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM1012L5BT ONSEMI-NFAM1012L5BT Datasheet
346Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM2012L5B ONSEMI-NFAM2012L5B Datasheet
487Kb / 9P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM0512L5BT ONSEMI-NFAM0512L5BT Datasheet
218Kb / 9P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM0512L5B ONSEMI-NFAM0512L5B Datasheet
317Kb / 10P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com