Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5P2304B Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM5P2304B
Description  3.3V Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2304B Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM5P2304B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
September 2005
ASM5P2304B
rev 0.5
3.3V Zero Delay Buffer
2 of 13
Notice: The information in this document is subject to change without notice.
ASM5P2304B Configurations
Device
Feedback From
Bank A Frequency
Bank B Frequency
ASM5P2304B-1
Bank A or Bank B
Reference
Reference
ASM5P2304B-1H
Bank A or Bank B
Reference
Reference
ASM5P2304B-2
Bank A
Reference
Reference /2
ASM5P2304B-2
Bank B
2 X Reference
Reference
ASM5P2304B-2H
Bank A
Reference
Reference /2
ASM5P2304B-2H
Bank B
2 X Reference
Reference
Zero Delay and Skew Control
For applications requiring zero input-output delay, all outputs must be equally loaded.
To close the feedback loop of the ASM5P2304B, the FBK
pin can be driven from any of the four available output pins.
The output driving the FBK pin will be driving a total load of
7pF plus any additional load that it drives. The relative
loading of this output (with respect to the remaining
outputs) can adjust the input output delay. This is shown in
the above graph. For applications requiring zero input-
output delay, all outputs including the one providing
feedback should be equally loaded. If input-output delay
adjustments are required, use the above graph to calculate
loading differences between the feedback output and
remaining outputs. For zero output-output skew, be sure to
load outputs equally.
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
-500
-1000
-1500
500
1000
1500
Output Load Difference: FBK Load - CLKA/CLKB Load (pF)
REF Input to CLKA/CLKB Delay Vs Difference in Loading between FBK pin and CLKA/CLKB pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com