Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5P2304B Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM5P2304B
Description  3.3V Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2304B Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM5P2304B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
September 2005
ASM5P2304B
rev 0.5
3.3V Zero Delay Buffer
3 of 13
Notice: The information in this document is subject to change without notice.
CLKB1
1
2
3
4
5
6
7
8
ASM5P2304B
REF
CLKA1
CLKA2
GND
CLKB2
VDD
FBK
Pin Configuration
Pin Description for ASM5P2304B
Pin #
Pin Name
Description
1
REF
1
Input reference frequency, 5V tolerant input
2
CLKA1
2
Buffered clock output, bank A
3
CLKA2
2
Buffered clock output, bank A
4
GND
Ground
5
CLKB1
2
Buffered clock output, bank B
6
CLKB2
2
Buffered clock output, bank B
7
VDD
3.3V supply
8
FBK
PLL feedback input
Notes:
1. Weak pull-down.
2. Weak pull-down on all outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com