Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5P2304B Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM5P2304B
Description  3.3V Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2304B Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM5P2304B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
September 2005
ASM5P2304B
rev 0.5
3.3V Zero Delay Buffer
4 of 13
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
-0.5
+7.0
V
DC Input Voltage (Except REF)
-0.5
VDD + 0.5
V
DC Input Voltage (REF)
-0.5
7
V
Storage Temperature
-65
+150
°C
Max. Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2000
V
Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can affect device
reliability.
Operating Conditions for ASM5P2304B Commercial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, from 4MHz to 20MHz
30
pF
CIN
Input Capacitance
3
7
pF
Electrical Characteristics for ASM5P2304B Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
µA
IIH
Input HIGH Current
VIN = VDD
100.0
µA
VOL
Output LOW Voltage
4
IOL = 8mA (-1, -2)
IOH = 12mA (-1H, -2H)
0.4
V
VOH
Output HIGH Voltage
4
IOL = -8mA (-1, -2)
IOH = -12mA (-1H, -2H)
2.4
V
IDD
Supply Current
Unloaded outputs, 20MHz REF (-1,-1H, -2,-2H)
10
mA
Note:
3. Applies to both Ref Clock and FBK.
4. Parameter is guaranteed by design and characterization. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com