Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMP5P23S09A Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # ASMP5P23S09A
Description  3.3V SpreadTrak Zero Delay Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASMP5P23S09A Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button ASMP5P23S09A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 9Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 10Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 11Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 12Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 13Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 14Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 15Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 16Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ASM5P23S09A
August 2003
ASM5P23S05A
rev 2.0
3.3V
‘SpreadTrak’ Zero Delay Buffer
13 of 16
Notice: The information in this document is subject to change without notice.
Package Information: 16-lead Thin Shrunk Small Outline Package (4.40-MM Body)
E
H
D
A
A1
B
e
L
C
A2
PIN 1 ID
1
8
9
16
Seating Plane
DIMENSIONS (inches)
DIMENSIONS (mm)
MIN
MAX
MIN
MAX
A
0.043
1.10
A1
0.002
0.006
0.05
0.15
A2
0.003
0.37
0.85
0.95
B
0.007
0.012
0.19
0.30
C
0.004
0.008
0.09
0.20
D
0.193
2.008
4.90
5.10
E
0.169
0.177
4.30
4.50
e
0.026 BSC
0.65 BSC
H
0.246
0.256
6.25
6.50
L
0.020
0.028
0.50
0.70
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com