Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMP5P23S09A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASMP5P23S09A
Description  3.3V SpreadTrak Zero Delay Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASMP5P23S09A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASMP5P23S09A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ASMP5P23S09A
August 2004
ASMP5P23S05A
rev 2.0
3.3V ‘SpreadTrak” Zero Delay Buffer
2 of 16
Notice: The information in this document is subject to change without notice.
Select Input Decoding for ASM5P23S09A
S2
S1
Clock A1 - A4
Clock B1 - B4
CLKOUT
1
Output Source
PLL
Shut-Down
0
0
Three-state
Three-state
Driven
PLL
N
0
1
Driven
Three-state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
Notes:
1. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to
change the skew between the reference and the output.
Zero Delay and Skew Control
All outputs should be uniformly loaded to achieve
Zero Delay between input and output. Since the
CLKOUT pin is the internal feedback to the PLL, its
relative loading can adjust the input-output delay.
For applications requiring zero input-output delay, all
outputs, including CLKOUT, must be equally loaded.
Even if CLKOUT is not used, it must have a
capacitive load equal to that on other outputs, for
obtaining zero-input-output delay.
SpreadTrak
Many systems being designed now utilize a technology
called Spread Spectrum Frequency Timing Generation.
ASM5P23S09A and ASM5P23S05A are designed so as
not to filter off the Spread Spectrum feature of the
Reference input, assuming it exists. When a zero delay
buffer is not designed to pass the Spread Spectrum feature
through, the result is a significant amount of tracking skew
which may cause problems in the systems requiring
synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com