Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMP5P23S09A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASMP5P23S09A
Description  3.3V SpreadTrak Zero Delay Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASMP5P23S09A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASMP5P23S09A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ASM5P23S09A
August 2003
ASM5P23S05A
rev 2.0
3.3V
‘SpreadTrak’ Zero Delay Buffer
4 of 16
Notice: The information in this document is subject to change without notice.
Pin Description for ASM5P23S09A
Pin #
Pin Name
Description
1
REF
2
Input reference frequency, 5V tolerant input
2
CLKA1
3
Buffered clock output, bank A
3
CLKA2
3
Buffered clock output, bank A
4
VDD
3.3V supply
5
GND
Ground
6
CLKB1
3
Buffered clock output, bank B
7
CLKB2
3
Buffered clock output, bank B
8
S2
4
Select input, bit 2
9
S1
4
Select input, bit 1
10
CLKB3
3
Buffered clock output, bank B
11
CLKB4
3
Buffered clock output, bank B
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3
3
Buffered clock output, bank A
15
CLKA4
3
Buffered clock output, bank A
16
CLKOUT
3
Buffered output, internal feedback on this pin
Pin Description for ASM5P23S05A
Pin #
Pin Name
Description
1
REF
2
Input reference frequency, 5V-tolerant input
2
CLK2
3
Buffered clock output
3
CLK1
3
Buffered clock output
4
GND
Ground
5
CLK3
3
Buffered clock output
6
VDD
3.3V supply
7
CLK4
3
Buffered clock output
8
CLKOUT
3
Buffered clock output, internal feedback on this pin
Notes:
2. Weak pull-down.
3. Weak pull-down on all outputs.
4. Weak pull-up on these inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com