Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4901 Datasheet(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC4901
Description  NPN Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC4901 Datasheet(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC4901 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC4901 SOT-323
4 / 6
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
.
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
.2
.4 .6
1.0 1.5 2
4
3
5
1
1.5
2
3
4
5
10
–10
–5
–4
–3
–2
–1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8
10
Condition: V
= 5 V , Zo = 50
200 to 2000 MHz (200 MHz step)
CE
(I = 5 mA)
(I = 20 mA)
C
C
Ω
90°
60°
120°
30°
0°
–30°
–60°
–90°
–120°
–150°
180°
150°
Scale: 4 / div.
Condition: V
= 5 V , Zo = 50
200 to 2000 MHz (200 MHz step)
CE
(I = 5 mA)
(I = 20 mA)
C
C
Ω
90°
60°
30°
0°
–30°
–60°
–90°
–120°
–150°
180°
150°
120°
Scale: 0.05 / div.
Condition: V
= 5 V , Zo = 50
200 to 2000 MHz (200 MHz step)
CE
(I = 5 mA)
(I = 20 mA)
C
C
Ω
.2
.4 .6 .8 1.0 1.5 2 3 4 5
–10
–5
–4
–3
–2
–1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8 1
1.5
2
3
4
5
10
10
Condition: V
= 5 V , Zo = 50
200 to 2000 MHz (200 MHz step)
CE
(I = 5 mA)
(I = 20 mA)
C
C
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com