Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4901 Datasheet(PDF) 5 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC4901
Description  NPN Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC4901 Datasheet(HTML) 5 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC4901 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC4901 SOT-323
5 / 6
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
S Parameter
(VCE = 5 V, IC = 5 mA, ZO = 50 , Emitter common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.672
–69.4
10.99
134.0
0.0610
58.8
0.752
–26.7
400
0.533
–109.9
7.32
111.5
0.0841
49.9
0.528
–50.5
600
0.469
–134.7
5.28
98.8
0.0989
49.3
0.412
–56.0
800
0.446
–152.3
4.12
90.2
0.112
50.9
0.351
–59.0
1000
0.432
–165.9
3.37
83.2
0.126
53.5
0.316
–61.0
1200
0.427
–176.2
2.88
77.2
0.141
55.5
0.294
–63.3
1400
0.430
174.1
2.52
72.1
0.157
57.4
0.282
–66.0
1600
0.433
166.5
2.26
67.5
0.174
58.6
0.274
–69.1
1800
0.439
158.0
2.04
63.3
0.191
59.2
0.269
–72.0
2000
0.453
151.9
1.88
59.2
0.209
60.0
0.265
–76.0
S Parameter
(VCE = 5 V, IC = 20 mA, ZO = 50 , Emitter common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.421
–115.2
17.40
114.7
0.0399
50.6
0.474
–57.7
400
0.377
–150.2
9.74
98.5
0.0609
64.2
0.284
–67.2
600
0.370
–167.0
6.68
90.1
0.0822
67.8
0.213
–70.5
800
0.373
–179.1
5.09
84.0
0.105
68.6
0.180
–72.9
1000
0.371
170.6
4.13
79.0
0.128
69.2
0.161
–74.9
1200
0.377
164.9
3.49
74.3
0.151
68.9
0.151
–77.6
1400
0.384
156.9
3.04
70.3
0.174
68.3
0.146
–80.7
1600
0.388
150.7
2.71
66.8
0.197
67.3
0.143
–83.5
1800
0.392
145.3
2.45
63.3
0.219
66.2
0.142
–87.2
2000
0.406
139.0
2.25
59.5
0.241
64.9
0.141
–91.0
Ω
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com