Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4901 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC4901
Description  NPN Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC4901 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC4901 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC4901 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC4901 SOT-323
1 / 6
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Features
●
Collector Current Capability IC=50mA
●
Collector Emitter Voltage VCEO=9V
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
15
Collector - Emitter Voltage
VCEO
9
Emitter - Base Voltage
VEBO
1.5
Collector Current - Continuous
IC
50
mA
Collector Power Dissipation
PC
100
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 10 μA, IE= 0
15
V
Collector-base cut-off current
ICBO
VCB= 12 V , IE= 0
10
uA
Collector- emitter cut-off current
ICEO
VCE= 9 V , IE= ∞
1
mA
Emitter cut-off current
IEBO
VEB= 1.5V , IC=0
10
uA
Collector-emitter saturation voltage
VCE(sat) IC=50 mA, IB=5mA
0.6
Base - emitter saturation voltage
VBE(sat) IC= 50 mA, IB= 5 mA
1.2
DC current gain
hFE
VCE= 5V, IC= 20mA
50
250
Collector output capacitance
Cob
VCB= 5V, IE= 0,f=1MHz
1.4
pF
Transition frequency
fT
VCE= 5V, IC= 20mA
6
GHz
Power gain
PG
VCE = 5 V, IC = 20 mA,f = 900 MHz
10
Noise figure
NF
VCE = 5 V, IC = 5 mA,f = 900 MHz
2.5
dB
V
■
Classification of hfe
Marking
YK
NPN Transistor
1
2
3
1.Base
2.Emitter
3.Collector
■
Simplified outline(SOT-323)
■


Similar Part No. - 2SC4901

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4901 HITACHI-2SC4901 Datasheet
46Kb / 8P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC4901 ISC-2SC4901 Datasheet
180Kb / 5P
High Gain Bandwidth Product
logo
SHIKUES Electronics
2SC4901 SKTECHNOLGY-2SC4901 Datasheet
629Kb / 4P
NPN SILICON RF TRANSISTOR
2SC4901A SKTECHNOLGY-2SC4901A Datasheet
629Kb / 4P
NPN SILICON RF TRANSISTOR
More results

Similar Description - 2SC4901

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com