Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2811 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # P2811
Description  Low-Power EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2811 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  P2811 Datasheet HTML 1Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 2Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 3Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 4Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 5Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 6Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 7Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
October 2003
P2811/12/14
rev
Low Power EMI Reduction IC
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Connect to externally generated clock signal or crystal.
2
VSS
P
Ground Connection. Connect to system ground.
3
D_C
I
Digital logic input used to select Down (LOW) or Center (HIGH) Spread
Options (see Output Frequency Deviation and Spread Option Selections).
This pin has an internal pull-up resistor.
4
SRS
I
Spread Range Selection. Digital logic input used to select frequency
deviation (see Output Frequency Deviation and Spread Option Selections).
This pin has an internal pull-up resistor.
5
ModOut
O
Spread Spectrum clock output (see Input/Output Frequency Range
Selections and Output Frequency Deviation and Spread Option Selections).
6
FRS
I
Frequency Range Selection. Digital logic input used to select input fre-
quency range (see Input/Output Frequency Range Selections). This pin has
an internal pull-up resistor.
7
VDD
P
Connect to +3.3 V
8
XOUT
I
Connect to crystal. No connect if externally generated clock signal is used.
Input/Output Frequency Range Selections
Part number
Pin 6
P2811 (1X)
P2812 (2X)
P2814 (4X)
FRS
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Modulation
rate
0
10-20
10-20
10-20
20-40
10-20
40-80
Input frequency
/ 448
1
20-40
20-40
20-40
40-80
20-40
80-160
Input frequency
/ 896



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com