Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2811 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # P2811
Description  Low-Power EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2811 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  P2811 Datasheet HTML 1Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 2Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 3Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 4Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 5Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 6Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 7Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
October 2003
P2811/12/14
rev
Low Power EMI Reduction IC
3 of 8
Notice: The information in this document is subject to change without notice.
Output Frequency Deviation and Spread Option Selections
Part number
Pin 3 D_C
Pin 4 SRS
Output frequency deviation and
spread option
0
0
-2.50% (Down)
0
1
-3.50% (Down)
1
0
+/-1.25% (Center)
P2811/12/14A
1
1
+/-1.75% (Center)
0
0
-1.25% (Down)
0
1
-1.75% (Down)
1
0
+/-0.625% (Center)
P2811/12/14B
1
1
+/-0.875% (Center)
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to + 7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
DC Electrical Characteristics
3.3 V, 25° C
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low Voltage
GND – 0.3
0.8
V
VIH
Input High Voltage
VDD + 0.3
V
IIL
Input low Current (inputs
D_C, SRS, and FRS)
-60.00
-20.00
µA
IIH
Input High Current
1.00
µA
IXOL
XOUT Output Low Current
(@ 0.4V, VDD = 3.3V)
2.00
12.00
mA
IXOH
XOUT Output High Current
(@ 2.5V, VDD = 3.3V)
12.00
mA
VOL
Output Low Voltage
(VDD=3.3V, IOL = 20 mA)
0.4
V
VOH
Output High Voltage
(VDD=3.3V, IOH = 20 mA)
2.8
V
IDD
Static Supply Current
Standby Mode
4.5
mA
ICC
Dynamic Supply Current
Normal Mode (3.3V and 25
pF probe loading)
7.1 fIN-min
13.9 fIN-max
mA
VDD
Operating Voltage
3.3
V
tON
Power Up Time (First locked
clock cycle after power up)
0.18
mS
ZOUT
Clock Output Impedance
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com