Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2811 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # P2811
Description  Low-Power EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2811 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  P2811 Datasheet HTML 1Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 2Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 3Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 4Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 5Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 6Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 7Page - Alliance Semiconductor Corporation P2811 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
October 2003
P2811/12/14
rev
Low Power EMI Reduction IC
7 of 8
Notice: The information in this document is subject to change without notice.
Ordering Codes
Part Number
Marking
Package Type
Qty per reel
Temperature
P2811A-08ST
P2811A
8-pin SOIC, tube
0 to 70
P2812A-08ST
P2812A
8-pin SOIC, tube
0 to 70
P2814A-08ST
P2814A
8-pin SOIC, tube
0 to 70
P2811A-08SR
P2811A
8-pin SOIC, tape reel
2,500
0 to 70
P2812A-08SR
P2812A
8-pin SOIC, tape reel
2,500
0 to 70
P2814A-08SR
P2814A
8-pin SOIC, tape reel
2,500
0 to 70
P2811A-08TT
P2811A
8-pin TSSOP, tube
0 to 70
P2812A-08TT
P2812A
8-pin TSSOP, tube
0 to 70
P2814A-08TT
P2814A
8-pin TSSOP, tube
0 to 70
P2811A-08TR
P2811A
8-pin TSSOP, tape reel
2,500
0 to 70
P2812A-08TR
P2812A
8-pin TSSOP, tape reel
2,500
0 to 70
P2814A-08TR
P2814A
8-pin TSSOP, tape reel
2,500
0 to 70
Device Ordering Information
X
28XX
X- 08 XX
Licensed under US patent Nos 5,488,627 and 5,631,920.
Preliminary datasheet. Specification subject to change without notice.
Package:
ST – SOIC, TUBE
SR - SOIC, T/R
TT – TSSOP, TUBE
TR - TSSOP, T/R
F = Pb FREE
DEVICE NUMBER
Flow:
P = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (-25°C to 85°C)
A = Automotive Temperature Range (-40°C to 125°C)
Pin Count



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com