Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS520 Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # BFS520
Description  NPN Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BFS520 Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BFS520 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BFS520 SOT-323
3 / 7
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
Fig.1 Power derating curve.
handbook, halfpage
0
50
100
200
400
300
100
0
200
150
Ptot
(mW)
Ts (
o C)
Fig.2 DC current gain as a function of collector
current.
VCE = 6 V; Tj = 25 °C.
handbook, halfpage
0
50
100
150
200
10−1
10−2
1
10
102
I C (mA)
h FE
Fig.3 Feedback capacitance as a function of
collector-base voltage.
IC = 0; f = 1 MHz.
handbook, halfpage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
2
4
6
8
10
V
(V)
CB
Cre
(pF)
Fig.4 Transition frequency as a function of
collector current.
f = 1 GHz; Tamb = 25 °C.
0
2
4
6
8
10
12
0
0
1
0
1
1
f T
(GHz)
IC (mA)
3 V
= 8 V
CE
V
Fig.5 Maximum unilateral power gain as a
function of collector current.
VCE = 6 V; f = 900 MHz; Tamb = 25 °C.
handbook, halfpage
10
12
14
16
18
20
0
10
20
30
GUM
(dB)
I C (mA)
3 V
= 6 V
CE
V
Fig.6 Gain as a function of collector current.
VCE = 6 V; f = 2 GHz; Tamb = 25 °C.
0
5
10
15
20
25
0
10
20
30
MSG
GUM
Gmax
gain
(dB)
IC (mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com