Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS520 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # BFS520
Description  NPN Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BFS520 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BFS520 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BFS520 SOT-323
1 / 7
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
NPN Transistor
FEATURES
Collector Current Capability IC=70mA
Collector Emitter Voltage VCEO=15V
High power gain
Low noise figure
High transition frequency
MECHANICAL DATA
Case: SOT-323(SC-70-3)
 
 
 
 
 
 
 
SOT-323(SC-70-3)
Marking Code
BFS520
N2
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
20
Collector - Emitter Voltage
VCEO
15
Emitter - Base Voltage
VEBO
2.5
Collector Current - Continuous
IC
70
mA
Collector Power Dissipation
PC
300
mW
Thermal Resistance From Junction To Soldering Point
RθJS
190
W/℃
Junction Temperature
TJ
175
Storage Temperature Range
Tstg
-65 to 150
V
℃


Similar Part No. - BFS520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS520 PHILIPS-BFS520 Datasheet
113Kb / 11P
NPN 9 GHz wideband transistor
September 1995
logo
Inchange Semiconductor ...
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
logo
NXP Semiconductors
BFS520 NXP-BFS520 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
SHIKUES Electronics
BFS520 SKTECHNOLGY-BFS520 Datasheet
530Kb / 3P
NPN Silicon RF Transistor
logo
Quanzhou Jinmei Electro...
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
NPN 9 GHz wideband transistor
More results

Similar Description - BFS520

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com