Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS520 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # BFS520
Description  NPN Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BFS520 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BFS520 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BFS520 SOT-323
2 / 7
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Electrical Characteristics Ta = 25℃
Note. GUM is the maximum unilateral power gain, assuming S12 is zero and
GUM 10 log
S21
2
1 S11
2
–
 1 S
22
2
–
-------------------------------------------------------------- dB.
=
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
20
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
15
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
2.5
Collector-base cut-off current
ICBO
VCB= 20 V , IE= 0
50
Emitter cut-off current
IEBO
VEB= 2.5V , IC=0
100
Collector-emitter saturation voltage
VCE(sat) IC= 70 mA, IB=7mA
0.5
Base - emitter saturation voltage
VBE(sat) IC= 70 mA, IB=7mA
1.2
DC current gain
hFE
VCE= 6V, IC= 20mA
60
250
IC=20mA; VCE=6V; Tamb =25°C; f=0.9GHz
15
IC=20mA; VCE=6V; Tamb =25°C; f=2GHz
9
Insertion power gain
|S21|2
IC=20mA; VCE=6V; Tamb =25°C; f=0.9GHz
13
Gs = Gopt; IC= 5mA; VCE = 6V;
Tamb = 25 °C;f = 0.9GHz
1.6
Gs = Gopt; IC= 20mA; VCE = 6V;
Tamb = 25 °C;f = 0.9GHz
2.1
Gs = Gopt; IC= 5mA; VCE = 6V;
Tamb = 25 °C;f = 2GHz
1.9
Output power at 1 dB gain
compression
PL1
Ic = 20 mA; VCE = 6 V; RL = 50 Ω;
f = 900 MHz; Tamb = 25 °C
17
Third order intercept point
ITO
(Note.1)
26
Collector capacitance
Cc
VCB= 6V, IE=ie=0,f=1MHz
0.5
Emitter capacitance
Ce
VEB= 0.5V, IC=ic=0,f=1MHz
1
Feedback capacitance
Cre
VCB= 6V, IC=0,f=1MHz
0.4
Transition frequency
fT
VCE= 6V, IC= 20mA,f=1GHz,Tamb =25°C
9
GHz
pF
dB
V
V
nA
dBm
Maximum unilateral power gain
GUM
Noise figure
NF
Note.1 IC = 20 mA; VCE = 6 V; RL = 50 Ω; f = 900 MHz; Tamb = 25 °C;
fp = 900 MHz; fq = 902 MHz; measured at f(2p-q) = 898 MHz and at f(2q-p) = 904 MHz.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com