Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1633 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1633 Datasheet HTML 1Page - Microchip Technology MCP1633 Datasheet HTML 2Page - Microchip Technology MCP1633 Datasheet HTML 3Page - Microchip Technology MCP1633 Datasheet HTML 4Page - Microchip Technology MCP1633 Datasheet HTML 5Page - Microchip Technology MCP1633 Datasheet HTML 6Page - Microchip Technology MCP1633 Datasheet HTML 7Page - Microchip Technology MCP1633 Datasheet HTML 8Page - Microchip Technology MCP1633 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
MCP1633
DS20006289A-page 4
 2020 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings†
VDD......................................................................................6V
Maximum Voltage on Any Pin ....... (VGND-0.3)V to (VIN+0.3)V
VEXT Short Circuit Current ...........................Internally Limited
Storage Temperature ....................................-65°C to +150°C
Maximum Junction Temperature ................................. +150°C
Operating Junction Temperature...................-40°C to +125°C
ESD protection on all pins (HBM) ....................................2 kV
†Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, during characterization, VIN = 3.3V to 5.5V, FSW = 600 kHz with
CIN = 1.0 µF, TA = +25°C, TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Inputs
Input Operating Voltage
VIN
3
—
5.5
V
Input Quiescent Current
I(VIN)—
5
5.75
mA
IEXT = 0 mA, Vdd=5V,
Fsw=1200 kHz
Shutdown Current
IIN_SHDN
——
1
µA
EN = 0V
EN Input
EN Input Voltage Low
ENLOW
——
0.8
V
EN Input Voltage High
ENHIGH
75
——
% of
VIN
Oscillator
Internal Oscillator Range
FOSC
200
—
2200
kHz
Refer to Section 4.6 “Internal
Oscillator” for details
FSW Output Voltage
VRFSW
0—
3
V
External Synchronization
Signal Frequency Rage
FSYNC
200
—
2500
kHz
SYNC Signal Low Voltage
VSYNCL
——
0.8
V
SYNC Signal High Voltage
VSYNCH
2—
—
V
SYNC Signal Time Low
TSYNC_MAX
—10
—
ns
Note 1
SYNC Signal Time High
TSYNC_MIN
—10
—
ns
Note 1
SYNC Signal Rise/Fall Time
TSYNC RISE/
FALL
0.001
—
10
us
Note 1
Error Amplifier
Input Voltage Offset
VOS
-7.5
—
7.5
mV
Error Amplifier PSRR
PSRR
80
—
—
dB
VIN = +5V
Common Mode Input
Range
VCM
0—
2
V
Common Mode Rejection
Ratio
CMRR
60
—
—
dB
VCM = 0 to 2V (Note 1)
Transconductance
gm
160
200
240
µS
VCM = 0 to 2V
Output Source Current
IOSOURCE
13
—
—
µA
Vdd = 5V
Output Sink Current
IOSINK
13
—
—
µA
Vdd = 5V
Note 1:
Determined by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com