Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1633 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1633 Datasheet HTML 1Page - Microchip Technology MCP1633 Datasheet HTML 2Page - Microchip Technology MCP1633 Datasheet HTML 3Page - Microchip Technology MCP1633 Datasheet HTML 4Page - Microchip Technology MCP1633 Datasheet HTML 5Page - Microchip Technology MCP1633 Datasheet HTML 6Page - Microchip Technology MCP1633 Datasheet HTML 7Page - Microchip Technology MCP1633 Datasheet HTML 8Page - Microchip Technology MCP1633 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
 2020 Microchip Technology Inc.
DS20006289A-page 1
MCP1633
Features
• High Speed Current Mode Pulse-Width Modulator
(PWM) Controller
• Easy to Interface with PIC® Microcontroller for
Implementing High-Performance LED Drivers
• Integrated General Purpose Operational Amplifier
that can be Used for Current Sensing
• Internal Oscillator with Adjustable Frequency via
External Resistor
• External Synchronization Option for the Oscillator
• Internal Slope Compensation Circuit
• Current Sense to VEXT Response <120 ns Typical
• Internal Leading Edge Blanking Circuit for Current
Sense Input
• Programmable Current Sense Offset
• Internal Reference Voltage Generator
• Soft Start Capability
• Internal Push-Pull MOSFET Driver with 1A Peak
Current Capability
• Internal MOSFET Driver for Dimming/Load
Disconnect
• Input Voltage Range: 3V to 5.5V
• Undervoltage Lockout Circuit
• Output Overvoltage Protection
• Output Short Circuit Protection
• Overtemperature Protection
• Small 16-Pin QFN 3 x 3 mm Package
Applications
•LED Drivers
• Switch Mode Power Supplies
• Brick DC-DC Converters
General Description
The MCP1633 High Speed PWM Controller is a pulse-
width modulator developed for standalone power
supply applications. The MCP1633 design is based on
the MCP1632 PWM Controller but includes specific
blocks for PWM LED dimming. It is suitable for use in
topologies requiring a low side MOSFET, such as
Boost, Flyback, SEPIC, CUK, etc.
The MCP1633 uses Current Mode Control to provide
superior bandwidth and transient response, and also
cycle-by-cycle current limiting with adjustable peak
offset. The MCP1633 is also capable of operating in
Voltage Mode Control if required.
The switching frequency of the MCP1633 can be set by
an external resistor between 200 kHz and 2.2 MHz.
The MCP1633 reference voltage is adjustable by using
only one external resistor.
The MCP1633 integrates a current sense amplifier with
programmable gain using external resistors.
The MCP1633 can achieve high performance LED
dimming by “freezing” the compensation network and
load disconnect capability.
The MCP1633 integrates a high speed comparator with
a high performance error amplifier with a PWM latch to
perform the high speed analog Power Supply PWM
function.
Integrated
Undervoltage
Lockout,
Overvoltage
protection and Overtemperature Protection make
designs using the MCP1633 robust over a range of
external conditions.
Package Type
FSW
1
CSO
2
SS/Ref
3
COMP
4
CS
9
10
VEXT
11
VCC
12
17
EP
FAULT
3 x 3x 0.9mmQFN
See Table 3-1 for pin information
Low-Side PWM Controller with LED Dimming Capability


Similar Part No. - MCP1633

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 35P
Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP1633-E/MG MICROCHIP-MCP1633-E/MG Datasheet
1Mb / 35P
Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP1633-E/MGVAO MICROCHIP-MCP1633-E/MGVAO Datasheet
1Mb / 35P
Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16331 MICROCHIP-MCP16331 Datasheet
1Mb / 48P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
More results

Similar Description - MCP1633

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Intersil Corporation
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
logo
Monolithic Power System...
MP4054A MPS-MP4054A Datasheet
1Mb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
MP4027 MPS-MP4027 Datasheet
648Kb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
logo
Linear Technology
LT3761EMSE LINER-LT3761EMSE Datasheet
305Kb / 8P
High Voltage LED Controller with Internal PWM Dimming
logo
ON Semiconductor
FL3100T ONSEMI-FL3100T Datasheet
1,007Kb / 18P
Low-Side Gate Driver with LED PWM Dimming Control
Rev.1.0
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com