Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1633 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 2Page - Microchip Technology MCP1633 Datasheet HTML 3Page - Microchip Technology MCP1633 Datasheet HTML 4Page - Microchip Technology MCP1633 Datasheet HTML 5Page - Microchip Technology MCP1633 Datasheet HTML 6Page - Microchip Technology MCP1633 Datasheet HTML 7Page - Microchip Technology MCP1633 Datasheet HTML 8Page - Microchip Technology MCP1633 Datasheet HTML 9Page - Microchip Technology MCP1633 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
MCP1633
DS20006289A-page 6
 2020 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Dimm Signal Low Voltage
VDIMM_L
——
0.8
V
Dimm Signal High Voltage
VDIMM_H
2—
—
V
Series MOSFET Driver
RDSon P-Channel
RDSonP
—60
—
Ω
RDSon N-Channel
RDSonN
—60
—
Ω
Shut-Down
Minimum Low Period for EN
to Enter in Shut-Down
Mode
TMIN_EN
88
100
—
us
Overvoltage Protection
Overvoltage Protection
Threshold
VOVP
1.19
1.23
1.3
V
Overvoltage Protection
Hysteresis
VOVP-HYS
—50
—
mV
Undervoltage Lockout
Undervoltage Protection
Threshold
UVLO
—
3
—
V
Undervoltage Protection
Hysteresis
UVLOHYS
—100
—
mV
Thermal Shutdown
Thermal Shutdown
TSHD
—150
—
°C
Thermal Shutdown
Hysteresis
TSHD_HYS
—20
—
°C
Fault Indicator
Open-Drain Fault Indicator
FAULT
——
—
Ω
Electrical Specifications: VIN = 3.0V to 5.5V, FOSC = 600 kHz, CIN = 1.0 µF. TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TA
-40
—
+125
°C
Steady State
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Thermal Package Resistances
Thermal Resistance
16L-QFN (3 mm x 3 mm)
JA
—36—
°C/W
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, during characterization, VIN = 3.3V to 5.5V, FSW = 600 kHz with
CIN = 1.0 µF, TA = +25°C, TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Determined by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com