Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC21 Datasheet(PDF) 3 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC21
Description  IoT/M2M-optimized LTE Cat 1 Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC21 Datasheet(HTML) 3 Page - Quectel Wireless Solutions Co., Ltd.

  EC21 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC21 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. EC21 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LTE Cat 1
EC21-AUT Mini PCIe
EC21-AU Mini PCIe
EC21-AUX Mini PCIe
EC21-KL Mini PCIe
EC21-J Mini PCIe
Region/Operator
Australia
Latin America/Australia/
New Zealand
Latin America/Australia/
New Zealand
South Korea
Japan
Dimensions (mm)
51.0 × 30.0 × 4.9
51.0 × 30.0 × 4.9
51.0 × 30.0 × 4.9
51.0 × 30.0 × 4.9
51.0 × 30.0 × 4.9
Temperature Range
Operation Temperature
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
Extended Temperature
-40°C ~ +80°C
-40°C ~ +80°C
-40°C ~ +80°C
-40°C ~ +80°C
-40°C ~ +80°C
Frequency Bands
LTE-FDD
B1/B3/B5/B7/B28
B1/B2
①/B3/B4/B5/B7/B8/B28
B1/B2
①/B3/B4/B5/B7/B8/B28
B1/B3/B5/B7/B8
B1/B3/B8/B18/B19/B26
LTE-TDD
\
B40
B40
\
\
WCDMA
B1/B5
B1/B2/B5/B8
B1/B2/B4/B5/B8
\
\
GSM/EDGE
\
B2/B3/B5/B8
B2/B3/B5/B8
\
\
GNSS
GPS/GLONASS/BeiDou
(Compass)/Galileo/QZSS
(Optional)
GPS/GLONASS/BeiDou
(Compass)/Galileo/QZSS
(Optional)
GPS/GLONASS/BeiDou
(Compass)/Galileo/QZSS
(Optional)
\
GPS/GLONASS/BeiDou
(Compass)/Galileo/QZSS
(Optional)
Certifications
Carrier
Australia: Telstra
Australia: Telstra
\
South Korea: KT/SKT
Japan: NTT DOCOMO/KDDI
Regulatory
Global: GCF
Australia/New Zealand: RCM
North America: FCC
Canada: IC
Brazil: Anatel
Taiwan (China): NCC
Japan: JATE/TELEC
Australia/New Zealand: RCM
Europe: CE
North America: FCC
Brazil: Anatel
Taiwan (China): NCC
Australia/New Zealand: RCM
South Korea: KC
Japan: JATE/TELEC
Others
RoHS/WHQL
RoHS/WHQL
RoHS/WHQL
RoHS/WHQL
RoHS/WHQL
Data Transmission
LTE-FDD Data Rate (Mbps)
Max 10 (DL)/ 5 (UL)
Max 10 (DL)/ 5 (UL)
Max 10 (DL)/ 5 (UL)
Max 10 (DL)/ 5 (UL)
Max 10 (DL)/ 5 (UL)
LTE-TDD Data Rate (Mbps)
\
Max 8.96 (DL)/ 3.1 (UL)
Max 8.96 (DL)/ 3.1 (UL)
\
\
DC-HSPA+ Data Rate (Mbps)
Max 42 (DL)/ 5.76 (UL)
Max 42 (DL)/ 5.76 (UL)
Max 42 (DL)/ 5.76 (UL)
\
\
WCDMA Data Rate (Kbps)
Max 384 (DL)/ 384 (UL)
Max 384 (DL)/ 384 (UL)
Max 384 (DL)/ 384 (UL)
\
\
EDGE Data Rate (Kbps)
\
Max 296 (DL)/ 236.8 (UL)
Max 296 (DL)/ 236.8 (UL)
\
\
GPRS Data Rate (Kbps)
\
Max 107 (DL)/ 85.6 (UL)
Max 107 (DL)/ 85.6 (UL)
\
\
Interfaces
(U)SIM
x 1
x 1
x 1
x 1
x 1
UART
x 1
x 1
x 1
x 1
x 1
USB 2.0
x 1
x 1
x 1
x 1
x 1
Audio Digital (PCM)
x 1
x 1
x 1
x 1
x 1
I2C
x 1
x 1
x 1
x 1
x 1
LED_WWAN#
x 1
x 1
x 1
x 1
x 1
W_DISABLE#
x 1
x 1
x 1
x 1
x 1
PERST#
x 1
x 1
x 1
x 1
x 1
Voice
Speech Codec Modes
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
Echo Arithmetic
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
VoLTE
Digital Audio and VoLTE
(Voice over LTE) (Optional)
Digital Audio and VoLTE
(Voice over LTE) (Optional)
Digital Audio and VoLTE
(Voice over LTE) (Optional)
Digital Audio and VoLTE
(Voice over LTE) (Optional)
Digital Audio and VoLTE
(Voice over LTE) (Optional)
Enhanced Features
eCall *
●
●
●
●
●
DTMF
●
●
●
●
●
DFOTA
●
●
●
●
●
QMI/ RmNet
●
●
●
●
●
Audio Playback*/
Audio Recording*
Optional
Optional
Optional
Optional
Optional
QuecLocator
®
●
●
●
●
●
QuecFile
●
●
●
●
●
(U)SIM Detection
●
●
●
●
●
Drivers
USB Serial Driver
Windows 7/8/8.1/10,
Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10,
Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10,
Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10,
Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10,
Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
GNSS Driver
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
\
Android
4.x/5.x/6.x/7.x/8.x/9.x
RIL Driver
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
NDIS Driver
Windows 7/8/8.1/10
Windows 7/8/8.1/10
Windows 7/8/8.1/10
Windows 7/8/8.1/10
Windows 7/8/8.1/10
MBIM Driver
Windows 8/8.1/10,
Linux 3.18~5.4
Windows 8/8.1/10,
Linux 3.18~5.4
\
Windows 8/8.1/10,
Linux 3.18~5.4
Windows 8/8.1/10,
Linux 3.18~5.4
GobiNet Driver
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
QMI_WWAN Driver
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Electrical Features
Supply Voltage Range
3.0V~3.6V, 3.3V Typ.
3.0V~3.6V, 3.3V Typ.
3.0V~3.6V, 3.3V Typ.
3.0V~3.6V, 3.3V Typ.
3.0V~3.6V, 3.3V Typ.
Power Consumption
3.2mA @Sleep, Typ.
22mA @Idle
2.8mA @Sleep, Typ.
24mA @Idle
1.8mA @Sleep, Typ.
22mA @Idle
3.2mA @Sleep, Typ.
22mA @Idle
3.2mA @Sleep, Typ.
32mA @Idle
Quectel EC21 Mini PCIe Series
Notes:
1. ① LTE-FDD B2 of EC21-AU Mini PCIe and EC21-AUX Mini PCIe does not support Rx-diversity.
2. *
means under development.
3. ●
means supported.
Copyright © 2019 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com