Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC21 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC21
Description  IoT/M2M-optimized LTE Cat 1 Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC21 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  EC21 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC21 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. EC21 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Quectel EC21 Mini PCIe is a series of LTE category 1 module adopting standard PCI Express
® Mini Card form factor (Mini PCIe).
Specially optimized for M2M and IoT applications, it features cost-effective, low-power LTE connectivity, and delivers
M2M-optimized speeds of 10Mbps downlink and 5Mbps uplink. These make it ideal for numerous IoT applications that are
not reliant on high speed connectivity but still require the longevity and reliability of LTE networks.
EC21 Mini PCIe contains 10 variants: EC21-E Mini PCIe, EC21-EU Mini PCIe, EC21-EUX Mini PCIe, EC21-A Mini PCIe, EC21-V
Mini PCIe, EC21-AUT Mini PCIe, EC21-AU Mini PCIe, EC21-AUX Mini PCIe, EC21-KL Mini PCIe and EC21-J Mini PCIe. This makes
it backward-compatible with existing EDGE and GSM/GPRS networks, ensuring that it can easily migrate from LTE to 2G or 3G
network.
EC21 Mini PCIe supports Qualcomm® IZat™ location technology Gen8C Lite (GPS, GLONASS, BeiDou/Compass, Galileo and
QZSS). The integrated GNSS greatly simplifies product design, and provides quicker, more accurate and more dependable
positioning.
A rich set of Internet protocols, industry-standard interfaces and abundant functionalities (USB serial drivers for Windows
7/8/8.1/10, Linux, Android/eCall*) extend the applicability of the module to a wide range of M2M applications such as smart
metering, tracking and tracing, fleet management, wearable devices, smart home gateways, digital signs, and even drones.
Key
Benefits
Cost-effective, lower-power LTE connectivity optimized for
broadband IoT applications
Worldwide LTE, UMTS/HSPA(+) and GSM/GPRS/EDGE coverage
Standard PCI Express
® Mini Card form factor (Mini PCIe) ideal for
manufacturers to easily integrate wireless connectivity into their
devices
MIMO technology meets demands for data rate and link reliability
in modem wireless communication systems
Multi-constellation GNSS receiver available for applications
requiring fast and accurate fixes in any environment
LTE Cat 1
Max 10Mbps (DL)
Max 5Mbps (UL)
Max 42Mbps (DL)
Max 5.76Mbps (UL)
Embedded Abundant
Protocols
eCall*
Multi-constellation
GNSS
USB 2.0 High Speed
Interface
USB Drivers
Quectel Enhanced
AT Commands
Mini PCIe Package
Rev.: V1.5 | Status: Released
30.0mm
4.9mm
Quectel
EC21 Mini PCIe Series
IoT/M2M-optimized
LTE Cat 1 Module
EMAIL US: info@quectel.com
VISIT US: www.quectel.com


Similar Part No. - EC21

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC21 QUECTEL-EC21 Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21-A QUECTEL-EC21-A Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21-E QUECTEL-EC21-E Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21-EU QUECTEL-EC21-EU Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21-EUX QUECTEL-EC21-EUX Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
More results

Similar Description - EC21

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG25-G QUECTEL-EG25-G Datasheet
691Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20 Datasheet
678Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20_V01 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21 Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G Datasheet
787Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G_V01 Datasheet
692Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
IoT/M2M-optimized LTE Cat 1 Modules
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
IoT/M2M-optimized LTE Cat 4 Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com