Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC21 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC21
Description  IoT/M2M-optimized LTE Cat 1 Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC21 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EC21 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC21 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. EC21 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LTE Cat 1
EC21-E Mini PCIe
EC21-EU Mini PCIe
EC21-EUX Mini PCIe
EC21-A Mini PCIe
EC21-V Mini PCIe
Region/Operator
EMEA/Thailand/India
EMEA/Thailand
EMEA/Thailand
North America
Verizon
Dimensions (mm)
51.0 × 30.0 × 4.9
51.0 × 30.0 × 4.9
51.0 × 30.0 × 4.9
51.0 × 30.0 × 4.9
51.0 × 30.0 × 4.9
Temperature Range
Operation Temperature
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
Extended Temperature
-40°C ~ +80°C
-40°C ~ +80°C
-40°C ~ +80°C
-40°C ~ +80°C
-40°C ~ +80°C
Frequency Bands
LTE-FDD
B1/B3/B5/B7/B8/B20
B1/B3/B7/B8/B20/B28A
B1/B3/B7/B8/B20/B28A
B2/B4/B12
B4/B13
WCDMA
B1/B5/B8
B1/B8
B1/B8
B2/B4/B5
\
GSM/EDGE
B3/B8
B3/B8
B3/B8
\
\
GNSS
GPS/GLONASS/BeiDou
(Compass)/Galileo/QZSS
(Optional)
GPS/GLONASS/BeiDou
(Compass)/Galileo/QZSS
(Optional)
GPS/GLONASS/BeiDou (Compass)/
Galileo/QZSS
(Optional)
GPS/GLONASS/BeiDou
(Compass)/Galileo/QZSS
(Optional)
GPS/GLONASS/BeiDou
(Compass)/Galileo/QZSS
(Optional)
Certifications
Carrier
Global: Vodafone
Europe: Deutsche Telekom/
Telefónica*
Europe: Deutsche Telekom
\
North America: AT&T/T-Mobile/
U.S. Cellular
Canada: Rogers/Telus
North America: Verizon
Regulatory
Global: GCF
Europe: CE
Russia: FAC
Global: GCF
Europe: CE
Taiwan (China): NCC
Australia/New Zealand: RCM
Global: GCF*
Europe: CE*
Australia/New Zealand: RCM*
North America: FCC/PTCRB
Canada: IC
Global: GCF
North America: FCC
Others
RoHS/WHQL
RoHS/WHQL
RoHS/WHQL
RoHS/WHQL
RoHS/WHQL
Data Transmission
LTE-FDD Data Rate (Mbps)
Max 10 (DL)/ 5 (UL)
Max 10 (DL)/ 5 (UL)
Max 10 (DL)/ 5 (UL)
Max 10 (DL)/ 5 (UL)
Max 10 (DL)/ 5 (UL)
DC-HSPA+ Data Rate (Mbps)
Max 42 (DL)/ 5.76 (UL)
Max 42 (DL)/ 5.76 (UL)
Max 42 (DL)/ 5.76 (UL)
Max 42 (DL)/ 5.76 (UL)
\
WCDMA Data Rate (Kbps)
Max 384 (DL)/ 384 (UL)
Max 384 (DL)/ 384 (UL)
Max 384 (DL)/ 384 (UL)
Max 384 (DL)/ 384 (UL)
\
EDGE Data Rate (Kbps)
Max 296 (DL)/ 236.8 (UL)
Max 296 (DL)/ 236.8 (UL)
Max 296 (DL)/ 236.8 (UL)
\
\
GPRS Data Rate (Kbps)
Max 107 (DL)/ 85.6 (UL)
Max 107 (DL)/ 85.6 (UL)
Max 107 (DL)/ 85.6 (UL)
\
\
Interfaces
(U)SIM
x 1
x 1
x 1
x 1
x 1
UART
x 1
x 1
x 1
x 1
x 1
USB 2.0
x 1
x 1
x 1
x 1
x 1
Audio Digital (PCM)
x 1
x 1
x 1
x 1
x 1
I2C
x 1
x 1
x 1
x 1
x 1
LED_WWAN#
x 1
x 1
x 1
x 1
x 1
W_DISABLE#
x 1
x 1
x 1
x 1
x 1
PERST#
x 1
x 1
x 1
x 1
x 1
Voice
Speech Codec Modes
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
Echo Arithmetic
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
Echo Cancellation/
Noise Suppression
VoLTE
Digital Audio and VoLTE
(Voice over LTE) (Optional)
Digital Audio and VoLTE
(Voice over LTE) (Optional)
Digital Audio and VoLTE
(Voice over LTE) (Optional)
Digital Audio and VoLTE
(Voice over LTE) (Optional)
Digital Audio and VoLTE
(Voice over LTE) (Optional)
Enhanced Features
eCall *
●
●
●
●
●
DTMF
●
●
●
●
●
DFOTA
●
●
●
●
●
QMI/ Rmnet
●
●
●
●
●
Audio Playback*/
Audio Recording*
Optional
Optional
Optional
Optional
Optional
QuecLocator
®
●
●
●
*
*
QuecFile
●
●
●
●
●
(U)SIM Card Detection
●
●
●
●
●
Drivers
USB Serial Driver
Windows 7/8/8.1/10,
Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10,
Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10,
Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10,
Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10,
Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
GNSS Driver
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
RIL Driver
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
Android
4.x/5.x/6.x/7.x/8.x/9.x
NDIS Driver
Windows 7/8/8.1/10
Windows 7/8/8.1/10
Windows 7/ 8/ 8.1/ 10
Windows 7/8/8.1/10
Windows 7/8/8.1/10
MBIM Driver
Windows 8/8.1/10,
Linux 3.18~5.4
Windows 8/8.1/10,
Linux 3.18~5.4
\
Windows 8/8.1/10,
Linux 3.18~5.4
Windows 8/8.1/10,
Linux 3.18~5.4
GobiNet Driver
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
QMI_WWAN Driver
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Electrical Features
Supply Voltage Range
3.0V~3.6V, 3.3V Typ.
3.0V~3.6V, 3.3V Typ.
3.0V~3.6V, 3.3V Typ.
3.0V~3.6V, 3.3V Typ.
3.0V~3.6V, 3.3V Typ.
Power Consumption
3.9mA @Sleep, Typ.
30mA @Idle
3.4mA @Sleep, Typ.
23mA @Idle
3.2mA @Sleep, Typ.
22mA @Idle
3.5mA @Sleep, Typ.
32mA @Idle
3.8mA @Sleep, Typ.
30mA @Idle
Quectel EC21 Mini PCIe Series
Notes:
1. * means under development.
2. ● means supported.
Copyright © 2019 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com